Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3AUX221 Datasheet (PDF) - Diodes Incorporated

PI3AUX221 Datasheet PDF - Diodes Incorporated
Part # PI3AUX221
Download  PI3AUX221 Download
File Size   638.12 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUX/DDC Interface IC

PI3AUX221 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3AUX221 Datasheet PDF - Diodes Incorporated

Part # PI3AUX221
Download  PI3AUX221 Click to download

File Size   638.12 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description AUX/DDC Interface IC

PI3AUX221 Datasheet (HTML) - Diodes Incorporated


PI3AUX221 Product details

Features
ÎÎAC-coupling of AUX signal or DC-level translated Display
Data Channel (DDC) signal controlled by the SEL pin
ÎÎBi-directional level translation of 100KHz DDC signals
ÎÎInverted level translation of HPD signal from DisplayPort
Connector to GPU
ÎÎProtection function to prevent signal propagation across
AUX1 and AUX2A/B when either VREF1 or VREF2 voltage
is invalid
ÎÎProtection function to prevent signal propagation from HPD2
to HPD1 when VREF1 is invalid
ÎÎProtection on AUX1 from over-voltage condition of AUX2A
and AUX2B
ÎÎLeakage current between VREF1 and VREF2 limited to
100nA
ÎÎ10MHz, -3dB Bandwidth for AUX switches
ÎÎComplies with DisplayPort 2.0
ÎÎComplies with HDMI 2.1
ÎÎTotally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
ÎÎHalogen and Antimony Free. “Green” Device (Note 3)
ÎÎFor automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
ÎÎPackaging (Pb-free & Green):
ßß12-Pin, 2x2mm UQFN (ZTA)

Applications
ÎÎDual Mode Display Port in Graphics Cards




Similar Part No. - PI3AUX221

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A114-A PERICOM-PI3A114-A Datasheet
559Kb / 10P
Low?밮oltage, 4:1 Mux/Demux with Low-Swing Control Inputs
PI3A114-AZHE PERICOM-PI3A114-AZHE Datasheet
559Kb / 10P
Low?밮oltage, 4:1 Mux/Demux with Low-Swing Control Inputs
PI3A114-AZLE PERICOM-PI3A114-AZLE Datasheet
559Kb / 10P
Low?밮oltage, 4:1 Mux/Demux with Low-Swing Control Inputs
PI3A125 PERICOM-PI3A125 Datasheet
193Kb / 8P
SOTINY Low Voltage SPST Analog Switch/Bus Switch
PI3A125B PERICOM-PI3A125B Datasheet
343Kb / 8P
SPST Wide Bandwidth Analog Switch
More results


Similar Description - PI3AUX221

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6691 OKI-MSM6691 Datasheet
168Kb / 7P
DRAM Interface IC
logo
NXP Semiconductors
TDA8002 PHILIPS-TDA8002 Datasheet
132Kb / 28P
IC card interface
1997 Nov 04
TDA8002C PHILIPS-TDA8002C Datasheet
139Kb / 28P
IC card interface
1999 Oct 12
logo
Sony Corporation
CXD3508ATQ SONY-CXD3508ATQ Datasheet
254Kb / 18P
LCD Interface IC
CXD3508TQ SONY-CXD3508TQ Datasheet
258Kb / 18P
LCD Interface IC
logo
NXP Semiconductors
TDA8025 PHILIPS-TDA8025 Datasheet
178Kb / 38P
IC card interface
Rev. 01-6 April 2009
TDA8024 NXP-TDA8024 Datasheet
181Kb / 29P
IC card interface
2004 July 12
CBTL06141EE PHILIPS-CBTL06141EE Datasheet
45Kb / 3P
CBTL06141 - Gen1 Hex Display Multiplexer with 4 1 DDC/AUX Multiplexer
7/22/2009
logo
Diodes Incorporated
PI3DPX1202A DIODES-PI3DPX1202A Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
Rev 2-1
PI3DPX1202A DIODES-PI3DPX1202A_V01 Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
February 2020
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com