Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3A125 Datasheet (PDF) - Pericom Semiconductor Corporation

PI3A125 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3A125
Download  PI3A125 Download
File Size   193.37 Kbytes
Page   8 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description SOTINY Low Voltage SPST Analog Switch/Bus Switch

PI3A125 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3A125 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3A125
Download  PI3A125 Click to download

File Size   193.37 Kbytes
Page   8 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description SOTINY Low Voltage SPST Analog Switch/Bus Switch

PI3A125 Datasheet (HTML) - Pericom Semiconductor Corporation


PI3A125 Product details

Description

The PI3A125 is a high-speed CMOS SPST switch that can be used in analog or low-delay bus switch applications.

Specified over a wide operating power supply voltage range, 2.3V to 3.6V, the PI3A125 has a low maximum ON resistance of 10-ohm at 2.3V and 7 ohms at 3V. The CMOS device features rail-to-rail signal range. The switch is turned off when the OE input is high. Power requirements at 3V are a low 30µW.

The PI3A125 is an improved, direct replacement for the SN74CBTLV1G125. Pericom improvements include lower resistance and detailed analog switch specifications.



Features

• Low Voltage, SPST Switch

   – VCC from 2.3V to 3.6V

• Low On-Resistance: 6 ohms at 3.0V

• CMOS Technology for Bus and Analog Applications

• Rail-to-Rail Signal Range

• Low Power: 30µW at 3.0V

• High Speed: 4ns

• High Off Isolation: 65dB at 1MHz

• High Bandwidth: 250MHz

• Extended Industrial Temperature Range: -40°C to 85°C

• Improved, Direct Replacement for SN74CBTLV1G125

• Packaging:

   - 5-pin SC70 (C)

   - 5-pin SOT-23 (T)



Applications

• Cell Phones

• Computer Peripherals

• Bus Isolation

• Servers/Routers

• Data Communications

• PDAs

• Portable Instrumentation

• Battery Powered Communications



 




Similar Part No. - PI3A125

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A125B PERICOM-PI3A125B Datasheet
343Kb / 8P
SPST Wide Bandwidth Analog Switch
PI3A125BCE PERICOM-PI3A125BCE Datasheet
343Kb / 8P
SPST Wide Bandwidth Analog Switch
PI3A125BTAE PERICOM-PI3A125BTAE Datasheet
343Kb / 8P
SPST Wide Bandwidth Analog Switch
More results


Similar Description - PI3A125

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9432 VISHAY-DG9432 Datasheet
102Kb / 10P
Low-Voltage Dual SPST Analog Switch
01-Aug-03
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
DG9262 VISHAY-DG9262 Datasheet
61Kb / 7P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
logo
Fairchild Semiconductor
FSA2156 FAIRCHILD-FSA2156 Datasheet
677Kb / 12P
Low-Voltage SPST 0.4OHM Analog Switch
logo
Vishay Siliconix
DG9232 VISHAY-DG9232_11 Datasheet
282Kb / 12P
Low-Voltage Dual SPST Analog Switch
23-May-11
DG9262 VISHAY-DG9262_11 Datasheet
274Kb / 12P
Low-Voltage Dual SPST Analog Switch
20-Jun-11
logo
ON Semiconductor
FSA1156 ONSEMI-FSA1156 Datasheet
1Mb / 13P
Low-Voltage SPST Analog Switch
January 2016 Rev. 1.9
logo
Vishay Siliconix
DG9263 VISHAY-DG9263_V01 Datasheet
209Kb / 11P
Low-Voltage Dual SPST Analog Switch
20-Jun-11
DG9434 VISHAY-DG9434_V01 Datasheet
180Kb / 12P
Low-Voltage Dual SPST Analog Switch
23-May-11
DG2003 VISHAY-DG2003_V01 Datasheet
74Kb / 8P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com