Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3A125 Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI3A125
Description  SOTINY Low Voltage SPST Analog Switch/Bus Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A125 Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

  PI3A125 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A125 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI3A125
SOTINY Low Voltage SPST
AnalogSwitch/BusSwitch
PS8575A
06/27/04
Ordering Code
Package Code
Package Description
Top Marking
PI3A125CX
C
5-pin SC70
ZW
PI3A125TX
T
5-pin SOT-23
ZW
OrderingInformation
GUAGE PLANE
SEATING PLANE
SEATING PLANE
DENOTES DIMENSIONS
IN MILLIMETERS
Notes:
1. Controlling dimensions in millimeters
2. Ref: JEDEC MO-203AA
BSC
VIEW A
BSC
REV
0˚-8˚
4˚-10˚
0.15
.321
0.42
.017
.010
.018
0.26
0.46
.006
3
4
5
2
1
.011
.026 0.65
BSC
.083
2.10
BSC
.049
1.25
BSC
.051
1.30
BSC
.079 2.00
0.15
0.30
MAX
.004
0.10
00
XXX
XXX
1.10
.102
.118
BSC
0.60
12
3
.000
.005
0.00
0.15
.014
.019
0.35
0.50
54
1.50
1.75
.059
.068
0.10
.023
.004
1.45 MAX.
SEATING
PLANE
.057
0” - 10”
1.90
.075
.037
BSC
2.60
3.00
0.95
.110
.118
2.80
3.00
X.XX
X.XX
Datum "A"
DENOTES DIMENSIONS
IN MILIMETERS
Packaging Mechanical: 5-pin SC70 (C)
Packaging Mechanical: 5-pin SOT-23 (T)
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
Notes:
1. Thermal Characteristics can be found on the world wide web at: http://www.pericom.com/packaging/
2. X = Tape and reel



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com