Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC16244A Datasheet (PDF) - NXP Semiconductors

74LVC16244A Datasheet PDF - NXP Semiconductors
Part # 74LVC16244A
Download  74LVC16244A Download
File Size   78.81 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit buffer/line driver; 5V input/output tolerant 3-State

74LVC16244A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC16244A Datasheet PDF - NXP Semiconductors

Part # 74LVC16244A
Download  74LVC16244A Click to download

File Size   78.81 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit buffer/line driver; 5V input/output tolerant 3-State

74LVC16244A Datasheet (HTML) - NXP Semiconductors


74LVC16244A Product details

DESCRIPTION

The 74LVC(H)16244A is a high-performance, low power, low voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families. Inputs can be driven from either 3.3 or 5 V devices. In 3-state operation, outputs can handle 5 Volt. These features allow the use of these devices as a mixed 3.3 and 5 V environment.



FEATURES

• 5 V tolerant inputs/outputs for interfacing with 5 V logic

• Wide supply voltage range from 1.2 to 3.6 V

• CMOS low power consumption

• MULTIBYTE™ flow-through standard pin-out architecture

• Low inductance multiple power and ground pins for minimum noise and ground bounce

• Direct interface with TTL levels

• All data inputs have bushold (74LVCH16244A only).

• Complies with JEDEC standard no. 8-1A

• ESD protection:

HBM EIA/JESD22-A114-A exceeds 2000 V

MM EIA/JESD22-A115-A exceeds 200 V.

• Specified from −40 to +85°C and −40 to +125°C.




Similar Part No. - 74LVC16244A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
logo
Nexperia B.V. All right...
74LVC16244A NEXPERIA-74LVC16244A Datasheet
245Kb / 13P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
74LVC16244A NEXPERIA-74LVC16244A Datasheet
256Kb / 14P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 15 15 February 2019
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
More results


Similar Description - 74LVC16244A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16540 PHILIPS-74ALVCH16540 Datasheet
97Kb / 12P
2.5V/3.3V 16-bit buffer/line driver, inverting, 5V input tolerant 3-State
1997 Aug 11
74LVC162244A PHILIPS-74LVC162244A Datasheet
79Kb / 10P
16-bit buffer/line driver; with 30ohm series termination resistors, 5V input/output tolerant 3-State
2003 Dec 12
74LVC16244A PHILIPS-74LVC16244A Datasheet
116Kb / 18P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
2003 Dec 08
74LVC16244A NXP-74LVC16244A Datasheet
184Kb / 19P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 09-18 March 2010
74LVC_LVCH16244A PHILIPS-74LVC_LVCH16244A_15 Datasheet
298Kb / 19P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 13-7 February 2014
74LVC16240A PHILIPS-74LVC16240A_15 Datasheet
225Kb / 16P
16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 4-3 November 2011
74LVCH32244A PHILIPS-74LVCH32244A_15 Datasheet
163Kb / 14P
32-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 3-16 December 2011
logo
Nexperia B.V. All right...
74LVC16244A-Q100 NEXPERIA-74LVC16244A-Q100 Datasheet
238Kb / 13P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
74LVCH16244A NEXPERIA-74LVCH16244A Datasheet
245Kb / 13P
16-bit buffer/line driver; 5 V input/output tolerant; 3-state
Rev. 16 - 21 September 2021
74LVC16240A NEXPERIA-74LVC16240A Datasheet
210Kb / 12P
16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 5 - 25 April 2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com