Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVCH16540 Datasheet (PDF) - NXP Semiconductors

74ALVCH16540 Datasheet PDF - NXP Semiconductors
Part # 74ALVCH16540
Download  74ALVCH16540 Download
File Size   97.08 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2.5V/3.3V 16-bit buffer/line driver, inverting, 5V input tolerant 3-State

74ALVCH16540 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVCH16540 Datasheet PDF - NXP Semiconductors

Part # 74ALVCH16540
Download  74ALVCH16540 Click to download

File Size   97.08 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2.5V/3.3V 16-bit buffer/line driver, inverting, 5V input tolerant 3-State

74ALVCH16540 Datasheet (HTML) - NXP Semiconductors


74ALVCH16540 Product details

DESCRIPTION
The 74ALVCH16540 is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families.
The 74ALVCH16540 is a 16-bit inverting buffer/line driver with 3-State outputs. The 3-State outputs are controlled by the output enable inputs 1OEn and 2OEn. A HIGH on nOEn causes the outputs to assume a high impedance OFF-state.
Active bus hold circuitry is provided to hold unused or floating data inputs at a valid logic level. This feature eliminates the need for external pull-up or pull-down resistors. The device can be used as four 4-bit buffers, two 8-bit buffers or one 16-bit buffer.

FEATURES
• Wide supply voltage range of 1.2 V to 3.6 V
• Complies with JEDEC standard no. 8-1A
• CMOS low power consumption
• MULTIBYTETM flow-through standard pin-out architecture
• Low inductance multiple VCC and ground pins for minimum noise and ground bounce
• Direct interface with TTL levels
• Bus hold on all data inputs eliminates the need for external pull-up resistors to hold unused inputs
• Output drive capability 50Ω transmission lines @ 85°C




Similar Part No. - 74ALVCH16540

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16543 PHILIPS-74ALVCH16543 Datasheet
89Kb / 20P
16-bit D-type registered transceiver; 3-state
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16543 NEXPERIA-74ALVCH16543 Datasheet
204Kb / 17P
16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
logo
NXP Semiconductors
74ALVCH16543DGG PHILIPS-74ALVCH16543DGG Datasheet
89Kb / 20P
16-bit D-type registered transceiver; 3-state
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16543DGG NEXPERIA-74ALVCH16543DGG Datasheet
204Kb / 17P
16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
logo
Texas Instruments
74ALVCH16543DGGRE4 TI1-74ALVCH16543DGGRE4 Datasheet
356Kb / 16P
16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Similar Description - 74ALVCH16540

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC16244 PHILIPS-74ALVC16244 Datasheet
84Kb / 10P
2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
74ALVT16244 PHILIPS-74ALVT16244 Datasheet
84Kb / 10P
2.5V/3.3V 16-bit buffer/driver 3-State
1998 Oct 07
74ALVT16541 PHILIPS-74ALVT16541 Datasheet
81Kb / 10P
2.5V/3.3V 16-bit buffer/driver 3-State
1998 Feb 13
74ALVT16827 PHILIPS-74ALVT16827 Datasheet
82Kb / 10P
2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
74LVC16240A PHILIPS-74LVC16240A Datasheet
78Kb / 10P
16-bit buffer/line driver; inverting 3-State
1997 Jul 29
74LVC16244A PHILIPS-74LVC16244A Datasheet
78Kb / 10P
16-bit buffer/line driver; 5V input/output tolerant 3-State
2003 Dec 08
MB2240 PHILIPS-MB2240 Datasheet
58Kb / 8P
16-bit inverting buffer/line driver 3-State
August 23, 1993
74ALVT16244 PHILIPS-74ALVT16244_15 Datasheet
89Kb / 10P
2.5V/3.3V 16-bit buffer/driver (3-State)
1998 Oct 07
74LVC16240A PHILIPS-74LVC16240A_15 Datasheet
225Kb / 16P
16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 4-3 November 2011
logo
Nexperia B.V. All right...
74LVC16240A NEXPERIA-74LVC16240A Datasheet
210Kb / 12P
16-bit buffer/line driver with 5V tolerant inputs/outputs; inverting; 3-state
Rev. 5 - 25 April 2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com