Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16827 Datasheet (PDF) - NXP Semiconductors

74ALVT16827 Datasheet PDF - NXP Semiconductors
Part # 74ALVT16827
Download  74ALVT16827 Download
File Size   82.48 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State

74ALVT16827 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVT16827 Datasheet PDF - NXP Semiconductors

Part # 74ALVT16827
Download  74ALVT16827 Click to download

File Size   82.48 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State

74ALVT16827 Datasheet (HTML) - NXP Semiconductors


74ALVT16827 Product details

DESCRIPTION
The 74ALVT16827 high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive. It is designed for VCC operation at 2.5V or 3.3V with I/O compatibility to 5V.
   
FEATURES
• Multiple VCC and GND pins minimize switching noise
• 5V I/O Compatible
• Live insertion/extraction permitted
• 3-State output buffers
• Power-up 3-State
• Output capability: +64mA/-32mA
• Latch-up protection exceeds 500mA per Jedec JC40.2 Std 17
• ESD protection exceeds 2000 V per MIL STD 883 Method 3015
    and 200 V per Machine Model
• Bus hold data inputs eliminate the need for external pull-up
    resistors to hold unused inputs
   




Similar Part No. - 74ALVT16827

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVT16827 NEXPERIA-74ALVT16827 Datasheet
201Kb / 14P
20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 - 24 January 2018
74ALVT16827DGG NEXPERIA-74ALVT16827DGG Datasheet
201Kb / 14P
20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 - 24 January 2018
logo
NXP Semiconductors
74ALVT16827 PHILIPS-74ALVT16827_15 Datasheet
102Kb / 16P
20-bit buffer/line driver; non-inverting; 3-state
Rev. 03-2 June 2005
More results


Similar Description - 74ALVT16827

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16827A PHILIPS-74ABT16827A Datasheet
73Kb / 10P
20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
74ABT827 PHILIPS-74ABT827 Datasheet
97Kb / 11P
10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
74ALVC16244 PHILIPS-74ALVC16244 Datasheet
84Kb / 10P
2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
74ALVCH16827 PHILIPS-74ALVCH16827 Datasheet
72Kb / 10P
20-bit buffer/line driver, non-inverting 3-State
1998 Jul 27
74ALVT16241 PHILIPS-74ALVT16241 Datasheet
84Kb / 10P
2.5V/3.3V ALVT 16-bit buffer/driver 3-State
1998 Feb 13
74ABT827 NXP-74ABT827 Datasheet
93Kb / 14P
10-bit buffer/line driver; non-inverting; 3-state
Rev. 03-24 February 2010
74F827 NXP-74F827 Datasheet
88Kb / 13P
10-bit buffer/line driver; non-inverting; 3-state
Rev. 04-29 January 2010
74ALVT16827 PHILIPS-74ALVT16827_15 Datasheet
102Kb / 16P
20-bit buffer/line driver; non-inverting; 3-state
Rev. 03-2 June 2005
logo
Nexperia B.V. All right...
74ALVT16827 NEXPERIA-74ALVT16827 Datasheet
201Kb / 14P
20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 - 24 January 2018
74ALVCH16827 NEXPERIA-74ALVCH16827 Datasheet
189Kb / 13P
20-bit buffer/line driver, non-inverting; 3-state
Rev. 3 - 6 April 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com