Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16241 Datasheet (PDF) - NXP Semiconductors

74ALVT16241 Datasheet PDF - NXP Semiconductors
Part # 74ALVT16241
Download  74ALVT16241 Download
File Size   84.54 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2.5V/3.3V ALVT 16-bit buffer/driver 3-State

74ALVT16241 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVT16241 Datasheet PDF - NXP Semiconductors

Part # 74ALVT16241
Download  74ALVT16241 Click to download

File Size   84.54 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2.5V/3.3V ALVT 16-bit buffer/driver 3-State

74ALVT16241 Datasheet (HTML) - NXP Semiconductors


74ALVT16241 Product details

DESCRIPTION
The 74ALVT16241 is a high-performance BiCMOS product designed for VCC operation at 2.5V or 3.3V with I/O compatibility up to 5V.
   
FEATURES
• 16-bit bus interface
• 5V I/O Compatible
• 3-State buffers
• Output capability: +64mA/-32mA
• TTL input and output switching levels
• Input and output interface capability to systems at 5V supply
• Bus-hold data inputs eliminate the need for external pull-up
   resistors to hold unused inputs
• Live insertion/extraction permitted
• Power-up 3-State
• No bus current loading when output is tied to 5V bus
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015
   and 200V per Machine Model
   




Similar Part No. - 74ALVT16241

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16240 PHILIPS-74ALVT16240 Datasheet
95Kb / 16P
16-bit inverting buffer/driver; 3-state
Rev. 03-4 July 2005
74ALVT16240DGG PHILIPS-74ALVT16240DGG Datasheet
95Kb / 16P
16-bit inverting buffer/driver; 3-state
Rev. 03-4 July 2005
74ALVT16240DL PHILIPS-74ALVT16240DL Datasheet
95Kb / 16P
16-bit inverting buffer/driver; 3-state
Rev. 03-4 July 2005
74ALVT16244 PHILIPS-74ALVT16244 Datasheet
84Kb / 10P
2.5V/3.3V 16-bit buffer/driver 3-State
1998 Oct 07
logo
Nexperia B.V. All right...
74ALVT16244 NEXPERIA-74ALVT16244 Datasheet
195Kb / 15P
16-bit buffer/line driver; 3-state
Rev. 5 - 2 February 2018
More results


Similar Description - 74ALVT16241

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC16244 PHILIPS-74ALVC16244 Datasheet
84Kb / 10P
2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
74ALVT162245 PHILIPS-74ALVT162245 Datasheet
89Kb / 10P
2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT16244 PHILIPS-74ALVT16244 Datasheet
84Kb / 10P
2.5V/3.3V 16-bit buffer/driver 3-State
1998 Oct 07
74ALVT16245 PHILIPS-74ALVT16245 Datasheet
95Kb / 12P
2.5V/3.3V ALVT 16-bit transceiver 3-State
1998 Feb 13
74ALVT16541 PHILIPS-74ALVT16541 Datasheet
81Kb / 10P
2.5V/3.3V 16-bit buffer/driver 3-State
1998 Feb 13
74ALVT16543 PHILIPS-74ALVT16543 Datasheet
100Kb / 14P
2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
74ALVT16827 PHILIPS-74ALVT16827 Datasheet
82Kb / 10P
2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
1998 Feb 13
74ALVT16841 PHILIPS-74ALVT16841 Datasheet
96Kb / 14P
2.5V/3.3V ALVT 20-bit bus interface latch 3-State
1998 Feb 13
74ALVT16952 PHILIPS-74ALVT16952 Datasheet
98Kb / 14P
2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Mar 19
74ALVT16244 PHILIPS-74ALVT16244_15 Datasheet
89Kb / 10P
2.5V/3.3V 16-bit buffer/driver (3-State)
1998 Oct 07
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com