Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16241 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALVT16241
Description  2.5V/3.3V ALVT 16-bit buffer/driver 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16241 Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALVT16241 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16241 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16241 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16241 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16241 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16241 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16241 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16241 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16241 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74ALVT16241
2.5V/3.3V 16-bit buffer/driver (3-State)
1998 Feb 13
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE
1Y0
1Y1
GND
1Y2
1Y3
2Y0
2Y1
GND
2Y2
2Y3
3Y0
3Y1
GND
3Y4
VCC
4Y0
VCC
3Y2
4Y1
GND
4Y3
4OE
4Y2
2OE
1A0
1A1
GND
1A2
1A3
2A0
2A1
GND
2A2
2A3
3A0
3A1
GND
3A3
VCC
4A0
VCC
3A2
4A1
GND
4A3
3OE
4A2
SA00407
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
47, 46, 44, 43,
41, 40, 38, 37,
36, 35, 33, 32,
30, 29, 27, 26
1A0-1A3
2A0-2A3
3A0-3A3
4A0-4A3
Data inputs
2, 3, 5, 6,
8, 9, 11, 12,
13, 14, 16, 17,
19, 20, 22, 23
1Y0-1Y3
2Y0-2Y3
3Y0-3Y3
4Y0-4Y3
Data outputs
1, 48, 25, 24
1OE, 2OE,
3OE, 4OE
Output enables
4, 10, 15, 21,
28, 34, 39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive supply voltage
FUNCTION TABLE
Inputs
Outputs
1OE, 4OE
1Ax, 4Ax
1Yx, 4Yx
L
H
H
L
L
L
H
X
Z
Inputs
Outputs
2OE, 3OE
2Ax, 3Ax
2Yx, 3Yx
H
H
H
H
L
L
L
X
Z
H = High voltage level
L = Low voltage level
X = Don’t care
Z = High Impedance “off ” state



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com