Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16543 Datasheet (PDF) - NXP Semiconductors

74ALVT16543 Datasheet PDF - NXP Semiconductors
Part # 74ALVT16543
Download  74ALVT16543 Download
File Size   100.9 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2.5V/3.3V ALVT 16-bit registered transceiver 3-State

74ALVT16543 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVT16543 Datasheet PDF - NXP Semiconductors

Part # 74ALVT16543
Download  74ALVT16543 Click to download

File Size   100.9 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2.5V/3.3V ALVT 16-bit registered transceiver 3-State

74ALVT16543 Datasheet (HTML) - NXP Semiconductors


74ALVT16543 Product details

DESCRIPTION
The 74ALVT16543 is a high-performance BiCMOS product designed for VCC operation at 2.5V or 3.3V with I/O compatibility up to 5V. The device can be used as two 8-bit transceivers or one 16-bit transceiver.
   
FEATURES
• 16-bit universal bus interface
• 5V I/O Compatible
• 3-State buffers
• Output capability: +64mA/-32mA
• TTL input and output switching levels
• Input and output interface capability to systems at 5V supply
• Bus-hold data inputs eliminate the need for external pull-up
   resistors to hold unused inputs
• Live insertion/extraction permitted
• Power-up 3-State
• Power-up reset
• No bus current loading when output is tied to 5V bus
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015
   and 200V per Machine Model
   




Similar Part No. - 74ALVT16543

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVT16543 NEXPERIA-74ALVT16543 Datasheet
240Kb / 16P
2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
74ALVT16543DGG NEXPERIA-74ALVT16543DGG Datasheet
240Kb / 16P
2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
74ALVT16543DL NEXPERIA-74ALVT16543DL Datasheet
240Kb / 16P
2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
logo
NXP Semiconductors
74ALVT16543 PHILIPS-74ALVT16543_15 Datasheet
127Kb / 15P
2.5 V/3.3 V ALVT 16-bit registered transceiver (3-State)
2004 Sep 14
More results


Similar Description - 74ALVT16543

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT162245 PHILIPS-74ALVT162245 Datasheet
89Kb / 10P
2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT16241 PHILIPS-74ALVT16241 Datasheet
84Kb / 10P
2.5V/3.3V ALVT 16-bit buffer/driver 3-State
1998 Feb 13
74ALVT16245 PHILIPS-74ALVT16245 Datasheet
95Kb / 12P
2.5V/3.3V ALVT 16-bit transceiver 3-State
1998 Feb 13
74ALVT16841 PHILIPS-74ALVT16841 Datasheet
96Kb / 14P
2.5V/3.3V ALVT 20-bit bus interface latch 3-State
1998 Feb 13
74ALVT16952 PHILIPS-74ALVT16952 Datasheet
98Kb / 14P
2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Mar 19
74ALVT16953 PHILIPS-74ALVT16953 Datasheet
100Kb / 14P
2.5V/3.3V 16-bit registered transceiver 3-State
1998 Mar 26
74LVT16543A PHILIPS-74LVT16543A Datasheet
93Kb / 12P
3.3V LVT 16-bit registered transceiver 3-State
1998 Feb 19
74ALVCH16952 PHILIPS-74ALVCH16952_15 Datasheet
99Kb / 17P
16-bit registered transceiver; 3-state
Rev. 02-27 April 2006
74ALVT16543 PHILIPS-74ALVT16543_15 Datasheet
127Kb / 15P
2.5 V/3.3 V ALVT 16-bit registered transceiver (3-State)
2004 Sep 14
logo
Nexperia B.V. All right...
74ALVCH16952 NEXPERIA-74ALVCH16952 Datasheet
196Kb / 14P
16-bit registered transceiver; 3-state
Rev. 3 - 9 January 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com