Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16543 Datasheet (PDF) - Nexperia B.V. All rights reserved

74ALVT16543 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ALVT16543
Download  74ALVT16543 Download
File Size   240.29 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2.5 V/3.3 V 16-bit registered transceiver (3-State)

74ALVT16543 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVT16543 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ALVT16543
Download  74ALVT16543 Click to download

File Size   240.29 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2.5 V/3.3 V 16-bit registered transceiver (3-State)

74ALVT16543 Datasheet (HTML) - Nexperia B.V. All rights reserved


74ALVT16543 Product details

FEATURES
• 16-bit universal bus interface
• 5 V I/O Compatible
• 3-State buffers
• Output capability: +64 mA/–32 mA
• TTL input and output switching levels
• Input and output interface capability to systems at 5 V supply
• Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
• Live insertion/extraction permitted
• Power-up 3-State
• Power-up reset
• No bus current loading when output is tied to 5 V bus
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model

DESCRIPTION
The 74ALVT16543 is a high-performance BiCMOS product
designed for VCC operation at 2.5 V or 3.3 V with I/O compatibility
up to 5 V. The device can be used as two 8-bit transceivers or one
16-bit transceiver.
The 74ALVT16543 contains two sets of eight D-type latches, with
separate control pins for each set. Using data flow from A to B as an
example, when the A-to-B Enable (nEAB) input and the A-to-B Latch
Enable (nLEAB) input are LOW, the A-to-B path is transparent.
A subsequent LOW-to-HIGH transition of the nLEAB signal puts the
A data into the latches where it is stored and the B outputs no longer
change with the A inputs. With nEAB and nOEAB both LOW, the
3-State B output buffers are active and display the data present at
the outputs of the A latches.
Control of data flow from B to A is similar, but using the nEBA,
nLEBA, and nOEBA inputs.
Active bus-hold circuitry is provided to hold unused or floating data
inputs at a valid logic level.




Similar Part No. - 74ALVT16543

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16543 PHILIPS-74ALVT16543 Datasheet
100Kb / 14P
2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
74ALVT16543DGG PHILIPS-74ALVT16543DGG Datasheet
100Kb / 14P
2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
74ALVT16543DL PHILIPS-74ALVT16543DL Datasheet
100Kb / 14P
2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
74ALVT16543 PHILIPS-74ALVT16543_15 Datasheet
127Kb / 15P
2.5 V/3.3 V ALVT 16-bit registered transceiver (3-State)
2004 Sep 14
More results


Similar Description - 74ALVT16543

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVTN16245B NXP-74LVTN16245B Datasheet
101Kb / 16P
3.3 V 16-bit transceiver; 3-state
Rev. 01-29 July 2009
74LVTN16245B NXP-74LVTN16245B_10 Datasheet
155Kb / 17P
3.3 V 16-bit transceiver; 3-state
Rev. 02-23 March 2010
logo
Texas Instruments
SN74LVTH16543-EP TI1-SN74LVTH16543-EP Datasheet
304Kb / 12P
3.3-V ABT 16-BIT REGISTERED TRANSCEIVER 3-STATE OUTPUTS
SN74LVTH16952-EP TI1-SN74LVTH16952-EP Datasheet
311Kb / 11P
3.3-V ABT 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH182512-EP TI1-SN74LVTH182512-EP Datasheet
311Kb / 11P
3.3-V ABT 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVT16543 PHILIPS-74ALVT16543_15 Datasheet
127Kb / 15P
2.5 V/3.3 V ALVT 16-bit registered transceiver (3-State)
2004 Sep 14
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
logo
Nexperia B.V. All right...
74LVT16543A NEXPERIA-74LVT16543A Datasheet
243Kb / 15P
3.3 V 16-bit registered transceiver; 3-state
Rev. 4 - 1 April 2021
74LVTN16245B NEXPERIA-74LVTN16245B Datasheet
212Kb / 13P
3.3 V 16-bit transceiver; 3-state
Rev. 6 - 30 October 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com