Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16827 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVT16827
Description  2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16827 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVT16827 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16827 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16827 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16827 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16827 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16827 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16827 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16827 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16827 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74ALVT16827
2.5V/3.3V 20-bit buffer/line driver, non-inverting
(3-State)
2
1998 Feb 13
853-1845 18962
FEATURES
• Multiple V
CC and GND pins minimize switching noise
• 5V I/O Compatible
• Live insertion/extraction permitted
• 3-State output buffers
• Power-up 3-State
• Output capability: +64mA/-32mA
• Latch-up protection exceeds 500mA per Jedec JC40.2 Std 17
• ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
• Bus hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
DESCRIPTION
The 74ALVT16827 high-performance BiCMOS device combines
low static and dynamic power dissipation with high speed and high
output drive. It is designed for VCC operation at 2.5V or 3.3V with I/O
compatibility to 5V.
The 74ALVT16827 20-bit buffers provide high performance bus
interface buffering for wide data/address paths or buses carrying
parity. They have NOR Output Enables (nOE1, nOE2) for maximum
control flexibility.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
SYMBOL
PARAMETER
Tamb = 25°C
2.5V
3.3V
UNIT
tPLH
tPHL
Propagation delay
nAx to nBx or nBx to nAx
CL = 50pF
1.7
1.8
1.3
1.3
ns
CIN
Input capacitance DIR, OE
VI = 0V or VCC
3
3
pF
COut
Output capacitance
VI/O = 0V or VCC
9
9
pF
ICCZ
Total supply current
Outputs disabled
40
70
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
56-Pin Plastic SSOP Type III
–40
°C to +85°C
74ALVT16827 DL
AV16827 DL
SOT371-1
56-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ALVT16827 DGG
AV16827 DGG
SOT364-1
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
55, 54, 52, 51, 49, 48, 47, 45, 44, 43,
42, 41, 40, 38, 37, 36, 34, 33, 31, 30
1A0 - 1A9
2A0 - 2A9
Data inputs
2, 3, 5, 6, 8, 9, 10, 12, 13, 14,
15, 16, 17, 19, 20, 21, 23, 24, 26, 27
1Y0 - 1Y9
2Y0 - 2Y9
Data outputs
1, 56,
28, 29
1OE0, 1OE1
2OE0, 2OE1
Output enable inputs (active-Low)
4, 11, 18, 25, 32, 39, 46, 53
GND
Ground (0V)
7, 22, 35, 50
VCC
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com