Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16827 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ALVT16827
Description  2.5V/3.3V ALVT 20-bit buffer/line driver, non-inverting 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16827 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVT16827 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16827 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16827 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16827 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16827 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16827 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16827 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16827 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16827 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Philips Semiconductors
Product specification
74ALVT16827
2.5V/3.3V 20-bit buffer/line driver, non-inverting
(3-State)
1998 Feb 13
7
AC WAVEFORMS
VM = 1.5V for VCC w 3.0V; VM = VCC/2 for VCC v 2.7V
VX = VOL + 0.3V for VCC w 3.0V; VX = VOL + 0.15V for VCC v 2.7V
VY = VOH – 0.3V for VCC w 3.0V; VY = VOH – 0.15V for VCC v 2.7V
nAx INPUT
VM
VM
nYx
OUTPUT
VM
VM
tPLH
tPHL
SA00016
3.0V or VCC
whichever
is less
0V
VOH
VOL
Waveform 1. The Input (nAx) to Output (nYx) Propagation
Delays
nOEx
INPUT
V
M
VM
tPZH
tPHZ
nYx
OUTPUT
VOH
VM
VM
nYx
OUTPUT
VOL
tPZL
tPLZ
0V
VX
VY
SW00174
3.0V or VCC
whichever
is less
0V
3.0V or VCC
Waveform 2. The 3-State Output Enable and Disable Times
TEST CIRCUIT AND WAVEFORM
PULSE
GENERATOR
VIN
VOUT
CL
VCC
RL
Test Circuit for 3-State Outputs
VM
VM
tW
AMP (V)
NEGATIVE
PULSE
10%
10%
90%
90%
0V
VM
VM
tW
AMP (V)
POSITIVE
PULSE
90%
90%
10%
10%
0V
tTHL (tF)
tTLH (tR)tTHL (tF)
tTLH (tR)
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance:
See AC CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
INPUT PULSE REQUIREMENTS
FAMILY
74ALVT16
SWITCH POSITION
TEST
SWITCH
tPLZ/tPZL
6V or VCC x 2
tPLH/tPHL
Open
tPHZ/tPZH
GND
6.0V or VCC x 2
RT
RL
Open
GND
D.U.T.
Amplitude
Rep. Rate
tW
tR
tF
3.0V or VCC
whichever
is less
v10MHz
500ns
v2.5ns v2.5ns
SW00205



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com