Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G04 Datasheet (PDF) - NXP Semiconductors

74LVC1G04 Datasheet PDF - NXP Semiconductors
Part # 74LVC1G04
Download  74LVC1G04 Download
File Size   68.33 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Single inverter

74LVC1G04 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G04 Datasheet PDF - NXP Semiconductors

Part # 74LVC1G04
Download  74LVC1G04 Click to download

File Size   68.33 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Single inverter

74LVC1G04 Datasheet (HTML) - NXP Semiconductors


74LVC1G04 Product details

DESCRIPTION
The 74LVC1G04 is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families.

FEATURES
• Wide supply voltage range from 1.65 to 5.5 V
• High noise immunity
• Complies with JEDEC standard:
    – JESD8-7 (1.65 to 1.95 V)
    – JESD8-5 (2.3 to 2.7 V)
    – JESD8B/JESD36 (2.7 to 3.6 V).
• ±24 mA output drive (VCC = 3.0 V)
• CMOS low power consumption
• Latch-up performance ≤250 mA
• Direct interface with TTL levels
• Inputs accept voltages up to 5 V
• Multiple package options
• Specified from −40 to +125 °C.




Similar Part No. - 74LVC1G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G04 NXP-74LVC1G04 Datasheet
82Kb / 15P
Single inverter
Rev. 07-27 August 2007
74LVC1G04 NXP-74LVC1G04 Datasheet
92Kb / 15P
Single inverter
Rev. 08-27 April 2009
logo
Diodes Incorporated
74LVC1G04 DIODES-74LVC1G04 Datasheet
199Kb / 11P
SINGLE INVERTER GATE
DS32198 Rev. 1 - 2
74LVC1G04 DIODES-74LVC1G04 Datasheet
243Kb / 14P
SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Silicon Supplies
74LVC1G04 SS-74LVC1G04 Datasheet
517Kb / 6P
Low Voltage CMOS Logic
More results


Similar Description - 74LVC1G04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04 Datasheet
48Kb / 7P
SINGLE INVERTER
Oct-1999
logo
ON Semiconductor
NL17SV04XV5T2 ONSEMI-NL17SV04XV5T2 Datasheet
41Kb / 6P
Single Inverter
January, 2005 ??Rev. 2
logo
Rohm
BU4SU69G2 ROHM-BU4SU69G2 Datasheet
216Kb / 5P
Single inverter
logo
ON Semiconductor
MC74VHC1G04 ONSEMI-MC74VHC1G04_07 Datasheet
72Kb / 6P
Single Inverter
January, 2007 ??Rev. 14
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04_04 Datasheet
110Kb / 9P
SINGLE INVERTER
Apr-2004
logo
NXP Semiconductors
74LVC1G04 NXP-74LVC1G04_09 Datasheet
92Kb / 15P
Single inverter
Rev. 08-27 April 2009
logo
ON Semiconductor
NLU1G04 ONSEMI-NLU1G04 Datasheet
98Kb / 8P
Single Inverter
March, 2008 - Rev. 1
NL17SG04 ONSEMI-NL17SG04 Datasheet
103Kb / 6P
Single Inverter
August, 2012 ??Rev. 1
NL17SH04 ONSEMI-NL17SH04 Datasheet
102Kb / 5P
Single Inverter
August, 2011 ??Rev. 1
NLU1G04 ONSEMI-NLU1G04_16 Datasheet
143Kb / 7P
Single Inverter
July, 2016 ??Rev. 4
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com