Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1G04 Datasheet (PDF) - STMicroelectronics

74V1G04 Datasheet PDF - STMicroelectronics
Part # 74V1G04
Download  74V1G04 Download
File Size   48.8 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE INVERTER

74V1G04 Datasheet (PDF)

Go To PDF Page Download Datasheet
74V1G04 Datasheet PDF - STMicroelectronics

Part # 74V1G04
Download  74V1G04 Click to download

File Size   48.8 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE INVERTER

74V1G04 Datasheet (HTML) - STMicroelectronics


74V1G04 Product details

DESCRIPTION
The 74V1G04 is an advanced high-speed CMOS SINGLE INVERTER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
The internal circuit is composed of 3 stages including buffer output, which provide high noise immunity and stable output.
Power down protection is provided on input and 0 to 7V can be accepted on input with no regard to the supply voltage. This device can be used to interface 5V to 3V.

■ HIGH SPEED: tPD = 3.8ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION: ICC = 1µA(MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY: VNIH = VNIL = 28% VCC (MIN.)
■ POWER DOWN PROTECTION ON INPUT
■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 8mA (MIN) at VCC = 4.5V
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE: VCC(OPR) = 2V to 5.5V
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74V1G04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04 Datasheet
110Kb / 9P
SINGLE INVERTER
Apr-2004
74V1G04CTR STMICROELECTRONICS-74V1G04CTR Datasheet
110Kb / 9P
SINGLE INVERTER
Apr-2004
74V1G04STR STMICROELECTRONICS-74V1G04STR Datasheet
110Kb / 9P
SINGLE INVERTER
Apr-2004
74V1G04 STMICROELECTRONICS-74V1G04_04 Datasheet
110Kb / 9P
SINGLE INVERTER
Apr-2004
74V1G04 STMICROELECTRONICS-74V1G04_07 Datasheet
114Kb / 9P
The 74V1G04 is an advanced high-speed
July 2001
More results


Similar Description - 74V1G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G04 PHILIPS-74LVC1G04 Datasheet
68Kb / 16P
Single inverter
2002 Oct 02
logo
ON Semiconductor
NL17SV04XV5T2 ONSEMI-NL17SV04XV5T2 Datasheet
41Kb / 6P
Single Inverter
January, 2005 ??Rev. 2
logo
Rohm
BU4SU69G2 ROHM-BU4SU69G2 Datasheet
216Kb / 5P
Single inverter
logo
ON Semiconductor
MC74VHC1G04 ONSEMI-MC74VHC1G04_07 Datasheet
72Kb / 6P
Single Inverter
January, 2007 ??Rev. 14
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04_04 Datasheet
110Kb / 9P
SINGLE INVERTER
Apr-2004
logo
NXP Semiconductors
74LVC1G04 NXP-74LVC1G04_09 Datasheet
92Kb / 15P
Single inverter
Rev. 08-27 April 2009
logo
ON Semiconductor
NLU1G04 ONSEMI-NLU1G04 Datasheet
98Kb / 8P
Single Inverter
March, 2008 - Rev. 1
NL17SG04 ONSEMI-NL17SG04 Datasheet
103Kb / 6P
Single Inverter
August, 2012 ??Rev. 1
NL17SH04 ONSEMI-NL17SH04 Datasheet
102Kb / 5P
Single Inverter
August, 2011 ??Rev. 1
NLU1G04 ONSEMI-NLU1G04_16 Datasheet
143Kb / 7P
Single Inverter
July, 2016 ??Rev. 4
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com