Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G06 Datasheet (PDF) - NXP Semiconductors

74LVC1G06 Datasheet PDF - NXP Semiconductors
Part # 74LVC1G06
Download  74LVC1G06 Download
File Size   89.95 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Inverter with open-drain output

74LVC1G06 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G06 Datasheet PDF - NXP Semiconductors

Part # 74LVC1G06
Download  74LVC1G06 Click to download

File Size   89.95 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Inverter with open-drain output

74LVC1G06 Datasheet (HTML) - NXP Semiconductors


74LVC1G06 Product details

DESCRIPTION
The 74LVC1G06 is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families.
   
FEATURES
• Wide supply voltage range from 1.65 to 5.5 V
• High noise immunity
• Complies with JEDEC standard:
    – JESD8-7 (1.65 V to 1.95 V)
    – JESD8-5 (2.3 V to 2.7 V)
    – JESD8B/JESD36 (2.7 V to 3.6 V)
• ±24 mA output drive (VCC = 3.0 V)
• CMOS low power consumption
• Latch-up performance exceeds 250 mA
• Direct interface with TTL levels
• Inputs accept voltages up to 5 V
• Multiple package options
• ESD protection:
    – HBM EIA/JESD22-A114-B exceeds 2000 V
    – MM EIA/JESD22-A115-A exceeds 200 V.
• Specified from −40 °C to +85 °C and −40 °C to +125 °C.
   




Similar Part No. - 74LVC1G06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G06 NXP-74LVC1G06 Datasheet
87Kb / 14P
Inverter with open-drain output
Rev. 07-12 July 2007
logo
Diodes Incorporated
74LVC1G06 DIODES-74LVC1G06 Datasheet
216Kb / 10P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32272 Rev. 1 - 2
74LVC1G06 DIODES-74LVC1G06 Datasheet
247Kb / 13P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32272 Rev. 2 - 2
logo
NXP Semiconductors
74LVC1G06 PHILIPS-74LVC1G06 Datasheet
352Kb / 18P
Inverter with open-drain output Rev. 10 ??29 June 2012
Rev. 10-29 June 2012
logo
Nexperia B.V. All right...
74LVC1G06 NEXPERIA-74LVC1G06 Datasheet
255Kb / 16P
Inverter with open-drain output
Rev. 14 - 10 February 2022
More results


Similar Description - 74LVC1G06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G06 PHILIPS-74AHC1G06 Datasheet
66Kb / 16P
Inverter with open-drain output
2000 May 01
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
Inverter with Open Drain Output
logo
E-Tech Electronics LTD
MC74VHC1G05 ETL-MC74VHC1G05 Datasheet
578Kb / 4P
Inverter with Open Drain Output
logo
Leshan Radio Company
L74VHC1G05 LRC-L74VHC1G05 Datasheet
242Kb / 6P
Inverter with Open Drain Output
logo
NXP Semiconductors
74LVC1G06 NXP-74LVC1G06 Datasheet
87Kb / 14P
Inverter with open-drain output
Rev. 07-12 July 2007
74AHC1G06 NXP-74AHC1G06_07 Datasheet
78Kb / 11P
Inverter with open-drain output
Rev. 06-7 June 2007
logo
Unisonic Technologies
U74AHC1G06 UTC-U74AHC1G06 Datasheet
145Kb / 5P
INVERTER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
74LVC1G06GV.125 NXP-74LVC1G06GV.125 Datasheet
352Kb / 18P
Inverter with open-drain output
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74AHCT3G06 UTC-U74AHCT3G06_15 Datasheet
146Kb / 5P
INVERTER WITH OPEN-DRAIN OUTPUT
logo
Nexperia B.V. All right...
74LVC1G06-Q100 NEXPERIA-74LVC1G06-Q100 Datasheet
187Kb / 13P
Inverter with open-drain output
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com