Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G06 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC1G06
Description  Inverter with open-drain output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G06 Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC1G06 Datasheet HTML 1Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G06 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2004 Sep 07
2
Philips Semiconductors
Product specification
Inverter with open-drain output
74LVC1G06
FEATURES
• Wide supply voltage range from 1.65 to 5.5 V
• High noise immunity
• Complies with JEDEC standard:
– JESD8-7 (1.65 V to 1.95 V)
– JESD8-5 (2.3 V to 2.7 V)
– JESD8B/JESD36 (2.7 V to 3.6 V)
•±24 mA output drive (VCC = 3.0 V)
• CMOS low power consumption
• Latch-up performance exceeds 250 mA
• Direct interface with TTL levels
• Inputs accept voltages up to 5 V
• Multiple package options
• ESD protection:
– HBM EIA/JESD22-A114-B exceeds 2000 V
– MM EIA/JESD22-A115-A exceeds 200 V.
• Specified from −40 °C to +85 °C and −40 °C to +125 °C.
DESCRIPTION
The 74LVC1G06 is a high-performance, low-power,
low-voltage, Si-gate CMOS device, superior to most
advanced CMOS compatible TTL families.
Input can be driven from either 3.3 V or 5 V devices.
These features allow the use of these devices in a mixed
3.3 V and 5 V environment.
Schmitt trigger action at all inputs makes the circuit tolerant
for slower input rise and fall time.
This device is fully specified for partial power-down
applications using Ioff. The Ioff circuitry disables the output,
preventing the damaging backflow current through the
device when it is powered down.
The 74LVC1G06 provides the inverting buffer.
The output of the device is an open drain and can be
connected to other open-drain outputs to implement
active-LOW wired-OR or active-HIGH wired-AND
functions.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 2.5 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total load switching outputs;
Σ(CL × VCC2 × fo) = sum of the outputs.
2. The condition is VI = GND to VCC.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
propagation delay inputs A to output Y
VCC = 1.8 V; CL = 30 pF; RL =1kΩ
3ns
VCC = 2.5 V; CL = 30 pF; RL = 500 Ω
1.9
ns
VCC = 2.7 V; CL = 50 pF; RL = 500 Ω
2.5
ns
VCC = 3.3 V; CL = 50 pF; RL = 500 Ω
2.3
ns
VCC = 5.0 V; CL = 50 pF; RL = 500 Ω
1.7
ns
CI
input capacitance
5
pF
CPD
power dissipation capacitance per buffer
VCC = 3.3 V; notes 1 and 2
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com