Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

949-BK Datasheet (PDF) - Anderson Power Products, Inc.

949-BK Datasheet PDF - Anderson Power Products, Inc.
Part # 949-BK
Download  949-BK Download
File Size   1217.76 Kbytes
Page   9 Pages
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.
Description SB® 175 Connectors Up to 280 Amps

949-BK Datasheet (PDF)

Go To PDF Page Download Datasheet
949-BK Datasheet PDF - Anderson Power Products, Inc.

Part # 949-BK
Download  949-BK Click to download

File Size   1217.76 Kbytes
Page   9 Pages
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.
Description SB® 175 Connectors Up to 280 Amps

949-BK Datasheet (HTML) - Anderson Power Products, Inc.


949-BK Product details

Wires sizes from 10 to 1/0 AWG (5.3 to 50 mm²) fit in
the second to largest connector in the SB® series. The
3 pole SB® 175 adds an additional position for power
or grounding. All Multipole wire connector housings
are genderless and mate to themselves minimizing
inventory and assembly complexity.
• Silver Plated Wire Contacts up to 1/0 (50 mm²)
Allows UL rated currents up to 280 amps
• Chemical Resistant Housing Option
Extends temperature range down to -40°C, while offering
enhanced UV and chemical resistance
• UL Rated for Hot Plugging up to 100 Amps
Great for battery or other applications where the ability to
interrupt circuits is required




Similar Part No. - 949-BK

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
949-BK APP-949-BK Datasheet
556Kb / 4P
SB® Environmental Boots
REV 03
More results


Similar Description - 949-BK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SBS75XPRBLK ETC2-SBS75XPRBLK Datasheet
1Mb / 8P
SBS짰 Connectors - up to 110 amps
6319 ETC-6319 Datasheet
959Kb / 6P
SB짰 50 Connectors - up to 120 amps
REV C3.1
logo
Anderson Power Products...
SBS APP-SBS Datasheet
1Mb / 11P
SBS® Connectors Up to 110 amps
REV C7.1
PP120 APP-PP120 Datasheet
885Kb / 6P
Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
SB120 APP-SB120 Datasheet
1Mb / 5P
SB® 120 Connectors Up to 240 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
SB® 350 Connectors Up to 500 Amps
REV C7
SB50 APP-SB50 Datasheet
1Mb / 7P
SB® 50 Connectors Up to 120 amps
REV C7
SBE320 APP-SBE320 Datasheet
1Mb / 9P
SBE® 320 / SBX® 350 Connectors Up to 550 Amps
REV C7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com