Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6350 Datasheet (PDF) - Anderson Power Products, Inc.

6350 Datasheet PDF - Anderson Power Products, Inc.
Part # 6350
Download  6350 Download
File Size   1168.38 Kbytes
Page   9 Pages
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.
Description SBE® 320 / SBX® 350 Connectors Up to 550 Amps

6350 Datasheet (PDF)

Go To PDF Page Download Datasheet
6350 Datasheet PDF - Anderson Power Products, Inc.

Part # 6350
Download  6350 Click to download

File Size   1168.38 Kbytes
Page   9 Pages
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.
Description SBE® 320 / SBX® 350 Connectors Up to 550 Amps

6350 Datasheet (HTML) - Anderson Power Products, Inc.


6350 Product details

SBE® and SBX® connectors can integrate up to 8 auxiliary power
/ signal contacts along with the two primary power circuits.
Sequencing within auxiliary positions is possible using the 4 pin
lengths available in the 1x4 auxiliary connector. SBE® and SBX®
offer touch safe housings.
• Silver Plated Wire Contacts up to 350 mcm (185 mm²)
Allows low resistance UL rated currents up to 550 amps per pole
• Up to 8 Auxiliaries
Enables intelligent power switching, CAN and interlock loop circuitry,
as well as power up to 20 amps per pole. Auxiliaries are all Last-mate/
First-break relative to power contacts.




Similar Part No. - 6350

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
6350 ALPHAWIRE-6350 Datasheet
414Kb / 5P
22 (7/30) AWG Tinned Copper
logo
DB Lectro Inc
6350-1271-AU DBLECTRO-6350-1271-AU Datasheet
99Kb / 2P
635nm 5 mW Laser Diodes AUTO PACKAGE
logo
Theben AG
6350100 THEBEN-6350100 Datasheet
510Kb / 3P
Time and light control Digital time switches
07/04/2025
More results


Similar Description - 6350

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
SBS APP-SBS Datasheet
1Mb / 11P
SBS® Connectors Up to 110 amps
REV C7.1
PP120 APP-PP120 Datasheet
885Kb / 6P
Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
SB120 APP-SB120 Datasheet
1Mb / 5P
SB® 120 Connectors Up to 240 Amps
REV C7
SB175 APP-SB175 Datasheet
1Mb / 9P
SB® 175 Connectors Up to 280 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
SB® 350 Connectors Up to 500 Amps
REV C7
SB50 APP-SB50 Datasheet
1Mb / 7P
SB® 50 Connectors Up to 120 amps
REV C7
SB350 APP-SB350_V01 Datasheet
151Kb / 2P
SB® 350 Connector
logo
Lapp.
0091370 LAPP-0091370 Datasheet
72Kb / 1P
OLFLEX® HEAT 350 MC
01.01.2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com