Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2373A Datasheet (PDF) - NXP Semiconductors

74LVC2373A Datasheet PDF - NXP Semiconductors
Part # 74LVC2373A
Download  74LVC2373A Download
File Size   117.39 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal D-type transparent latch with 5-volt tolerant inputs/outputs; damping resistor 3-State

74LVC2373A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC2373A Datasheet PDF - NXP Semiconductors

Part # 74LVC2373A
Download  74LVC2373A Click to download

File Size   117.39 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal D-type transparent latch with 5-volt tolerant inputs/outputs; damping resistor 3-State

74LVC2373A Datasheet (HTML) - NXP Semiconductors


74LVC2373A Product details

DESCRIPTION
The 74LVC2373A/74LVCH2373A is a high performance, low-power, low-voltage Si-gate CMOS device and superior to most advanced CMOS compatible TTL families. Inputs can be driven from either 3.3V or 5V devices. This feature allows the use of these devices as translators in a mixed 3.3V/5V environment.

FEATURES
• 5-volt tolerant inputs/outputs, for interfacing with 5-volt logic
• Supply voltage range of 2.7V to 3.6V
• Complies with JEDEC standard no. 8-1A
• CMOS low power consumption
• Direct interface with TTL levels
• High impedance when VCC = 0V
• Bushold on all data inputs (74LVCH2373A only)
• Integrated 30 damping resistor




Similar Part No. - 74LVC2373A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2244 PHILIPS-74LVC2244 Datasheet
84Kb / 16P
Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Sep 30
74LVC2244A PHILIPS-74LVC2244A Datasheet
84Kb / 16P
Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Sep 30
logo
Nexperia B.V. All right...
74LVC2244A NEXPERIA-74LVC2244A Datasheet
255Kb / 14P
Octal buffer/line driver; 30 Ω series termination; 5 V tolerant input/output; 3-state
Rev. 6 - 20 September 2021
74LVC2244ABQ NEXPERIA-74LVC2244ABQ Datasheet
255Kb / 14P
Octal buffer/line driver; 30 Ω series termination; 5 V tolerant input/output; 3-state
Rev. 6 - 20 September 2021
logo
NXP Semiconductors
74LVC2244AD PHILIPS-74LVC2244AD Datasheet
84Kb / 16P
Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Sep 30
More results


Similar Description - 74LVC2373A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC16373A PHILIPS-74LVC16373A Datasheet
83Kb / 10P
16-bit D-type transparent latch with 5 Volt tolerant inputs/outputs 3-State
1998 Mar 17
74LVC373A PHILIPS-74LVC373A Datasheet
103Kb / 12P
Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC573A PHILIPS-74LVC573A Datasheet
102Kb / 12P
Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC841A PHILIPS-74LVC841A Datasheet
101Kb / 10P
10-bit transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jun 17
logo
Integrated Device Techn...
IDT74LVC373A IDT-IDT74LVC373A Datasheet
68Kb / 6P
3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
logo
NXP Semiconductors
74LVC573A PHILIPS-74LVC573A_15 Datasheet
161Kb / 20P
Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5-19 February 2013
74LVC373A PHILIPS-74LVC373A_15 Datasheet
150Kb / 19P
Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 3-22 November 2012
logo
Nexperia B.V. All right...
74LVC573A-Q100 NEXPERIA-74LVC573A-Q100 Datasheet
261Kb / 16P
Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
74LVC373A NEXPERIA-74LVC373A Datasheet
274Kb / 15P
Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 27 August 2021
74LVC573A NEXPERIA-74LVC573A Datasheet
274Kb / 16P
Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 27 August 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com