Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2244 Datasheet (PDF) - NXP Semiconductors

74LVC2244 Datasheet PDF - NXP Semiconductors
Part # 74LVC2244
Download  74LVC2244 Download
File Size   84.46 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state

74LVC2244 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC2244 Datasheet PDF - NXP Semiconductors

Part # 74LVC2244
Download  74LVC2244 Click to download

File Size   84.46 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state

74LVC2244 Datasheet (HTML) - NXP Semiconductors


74LVC2244 Product details

DESCRIPTION
The 74LVC2244A is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families.

FEATURES
• 5 V tolerant inputs/outputs for interfacing with 5 V logic
• Wide supply voltage range of 1.2 to 3.6 V
• CMOS low power consumption
• Direct interface with TTL levels
• Integrated 30 Ω termination resistors.




Similar Part No. - 74LVC2244

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC2244A NEXPERIA-74LVC2244A Datasheet
255Kb / 14P
Octal buffer/line driver; 30 Ω series termination; 5 V tolerant input/output; 3-state
Rev. 6 - 20 September 2021
74LVC2244ABQ NEXPERIA-74LVC2244ABQ Datasheet
255Kb / 14P
Octal buffer/line driver; 30 Ω series termination; 5 V tolerant input/output; 3-state
Rev. 6 - 20 September 2021
74LVC2244AD NEXPERIA-74LVC2244AD Datasheet
255Kb / 14P
Octal buffer/line driver; 30 Ω series termination; 5 V tolerant input/output; 3-state
Rev. 6 - 20 September 2021
74LVC2244APW NEXPERIA-74LVC2244APW Datasheet
255Kb / 14P
Octal buffer/line driver; 30 Ω series termination; 5 V tolerant input/output; 3-state
Rev. 6 - 20 September 2021
logo
NXP Semiconductors
74LVC2244A PHILIPS-74LVC2244A_15 Datasheet
251Kb / 17P
Octal buffer/line driver; 30 ??series termination; 5 V tolerant input/output; 3-state
Rev. 5-3 November 2011
More results


Similar Description - 74LVC2244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2245A PHILIPS-74LVC2245A Datasheet
87Kb / 17P
Octal transceiver with direction pin; 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
2003 Nov 17
74LVC322244A PHILIPS-74LVC322244A Datasheet
77Kb / 16P
32-bit buffer/line driver; with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Aug 31
74LVC_LVCH162244A PHILIPS-74LVC_LVCH162244A_15 Datasheet
180Kb / 15P
16-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-16 December 2011
74LVC2244A PHILIPS-74LVC2244A_15 Datasheet
251Kb / 17P
Octal buffer/line driver; 30 ??series termination; 5 V tolerant input/output; 3-state
Rev. 5-3 November 2011
74LVC2245A PHILIPS-74LVC2245A_15 Datasheet
297Kb / 16P
Octal transceiver with direction pin, 30 series termination resistors; 5 V tolerant input/output; 3-state
Rev. 5-4 November 2011
74LVCH322244A PHILIPS-74LVCH322244A_15 Datasheet
166Kb / 14P
32-bit buffer/line driver; 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 3-16 December 2011
74LVT2241 PHILIPS-74LVT2241_15 Datasheet
61Kb / 5P
3.3V Octal buffer/line driver with 30 series termination resistors; 3-State
1996 May 29
logo
Nexperia B.V. All right...
74LVCH162244A NEXPERIA-74LVCH162244A Datasheet
249Kb / 13P
16-bit buffer/line driver; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
74LVC2244A NEXPERIA-74LVC2244A Datasheet
255Kb / 14P
Octal buffer/line driver; 30 Ω series termination; 5 V tolerant input/output; 3-state
Rev. 6 - 20 September 2021
74LVT2244 NEXPERIA-74LVT2244 Datasheet
231Kb / 13P
3.3 V octal buffer/line driver with 30 Ω termination resistors; 3-state
Rev. 4 - 17 May 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com