Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2245A Datasheet (PDF) - NXP Semiconductors

74LVC2245A Datasheet PDF - NXP Semiconductors
Part # 74LVC2245A
Download  74LVC2245A Download
File Size   87.7 Kbytes
Page   17 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal transceiver with direction pin; 30 ohm series termination resistors; 5 V input/output tolerant; 3-state

74LVC2245A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC2245A Datasheet PDF - NXP Semiconductors

Part # 74LVC2245A
Download  74LVC2245A Click to download

File Size   87.7 Kbytes
Page   17 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal transceiver with direction pin; 30 ohm series termination resistors; 5 V input/output tolerant; 3-state

74LVC2245A Datasheet (HTML) - NXP Semiconductors


74LVC2245A Product details

DESCRIPTION
The 74LVC2245A is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families.
Inputs can be driven from either 3.3 or 5 V devices. In 3-state operation, outputs can handle 5 V. These features allow the use of these devices as translators in a mixed 3.3 and 5 V environment.
The 74LVC2245A is an octal transceiver featuring non-inverting 3-state bus compatible outputs in both send and receive directions.
The 74LVC2245A features an output enable (OE) input for easy cascading and a send/receive (DIR) input for direction control. OE controls the outputs so that the buses are effectively isolated.
The 74LVC2245A is designed with 30 Ω series termination resistors in both HIGH and LOW output stages to reduce line noise.

FEATURES
• 5 V tolerant inputs/outputs for interfacing with 5 V logic
• Wide supply voltage range from 1.2 to 3.6 V
• CMOS low power consumption
• Direct interface with TTL levels
• Inputs accept voltages up to 5.5 V
• Integrated 30 Ω termination resistors
• Complies with JEDEC standard no. 8-1A
• ESD protection:
   HBM EIA/JESD22-A114-A exceeds 2000 V
   MM EIA/JESD22-A115-A exceeds 200 V.
• Specified from −40 to +85 °C and −40 to +125 °C.




Similar Part No. - 74LVC2245A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC2245A NEXPERIA-74LVC2245A Datasheet
258Kb / 14P
Octal transceiver with direction pin, 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6 - 30 April 2021
74LVC2245ABQ NEXPERIA-74LVC2245ABQ Datasheet
258Kb / 14P
Octal transceiver with direction pin, 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6 - 30 April 2021
74LVC2245AD NEXPERIA-74LVC2245AD Datasheet
258Kb / 14P
Octal transceiver with direction pin, 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6 - 30 April 2021
74LVC2245APW NEXPERIA-74LVC2245APW Datasheet
258Kb / 14P
Octal transceiver with direction pin, 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6 - 30 April 2021
logo
NXP Semiconductors
74LVC2245A PHILIPS-74LVC2245A_15 Datasheet
297Kb / 16P
Octal transceiver with direction pin, 30 series termination resistors; 5 V tolerant input/output; 3-state
Rev. 5-4 November 2011
More results


Similar Description - 74LVC2245A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT2245 PHILIPS-74ABT2245 Datasheet
107Kb / 12P
Octal transceiver with direction pin with 30ohm series termination resistors 3-State
1998 Jan 16
74LVC2244A PHILIPS-74LVC2244A Datasheet
84Kb / 16P
Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Sep 30
74LVC322245A PHILIPS-74LVC322245A Datasheet
87Kb / 16P
32-bit bus transceiver with direction pin; 30 ohm series termination resistors; 5 V tolerant; 3-state
1999 Sep 01
74LVC245A PHILIPS-74LVC245A Datasheet
125Kb / 20P
Octal bus transceiver with direction pin with 5 V tolerant input/outputs (3-state)
2003 May 07
74LVC_LVCH162245A PHILIPS-74LVC_LVCH162245A_15 Datasheet
237Kb / 16P
16-bit transceiver with direction pin, 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-23 November 2011
74LVC2245A PHILIPS-74LVC2245A_15 Datasheet
297Kb / 16P
Octal transceiver with direction pin, 30 series termination resistors; 5 V tolerant input/output; 3-state
Rev. 5-4 November 2011
74LVCH322245A PHILIPS-74LVCH322245A_15 Datasheet
119Kb / 15P
32-bit bus transceiver with direction pin; 30 ??series termination resistors; 5 V tolerant; 3-state
Rev. 4-20 December 2011
logo
Nexperia B.V. All right...
74LVC162245A-Q100 NEXPERIA-74LVC162245A-Q100 Datasheet
237Kb / 14P
16-bit transceiver with direction pin; 30 廓 series termination resistors; 5 V tolerant input/output; 3-state
74LVCH162245A NEXPERIA-74LVCH162245A Datasheet
257Kb / 14P
16-bit transceiver with direction pin; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
74LVC2245A NEXPERIA-74LVC2245A Datasheet
258Kb / 14P
Octal transceiver with direction pin, 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6 - 30 April 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com