Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2245A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC2245A
Description  Octal transceiver with direction pin; 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2245A Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC2245A Datasheet HTML 1Page - NXP Semiconductors 74LVC2245A Datasheet HTML 2Page - NXP Semiconductors 74LVC2245A Datasheet HTML 3Page - NXP Semiconductors 74LVC2245A Datasheet HTML 4Page - NXP Semiconductors 74LVC2245A Datasheet HTML 5Page - NXP Semiconductors 74LVC2245A Datasheet HTML 6Page - NXP Semiconductors 74LVC2245A Datasheet HTML 7Page - NXP Semiconductors 74LVC2245A Datasheet HTML 8Page - NXP Semiconductors 74LVC2245A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DATA SHEET
Product specification
Supersedes data of 2002 Jun 10
2003 Nov 17
INTEGRATED CIRCUITS
74LVC2245A
Octal transceiver with direction pin,
30
Ω series termination resistors;
5 V tolerant input/output; 3-state


Similar Part No. - 74LVC2245A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC2245A NEXPERIA-74LVC2245A Datasheet
258Kb / 14P
Octal transceiver with direction pin, 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6 - 30 April 2021
74LVC2245ABQ NEXPERIA-74LVC2245ABQ Datasheet
258Kb / 14P
Octal transceiver with direction pin, 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6 - 30 April 2021
74LVC2245AD NEXPERIA-74LVC2245AD Datasheet
258Kb / 14P
Octal transceiver with direction pin, 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6 - 30 April 2021
74LVC2245APW NEXPERIA-74LVC2245APW Datasheet
258Kb / 14P
Octal transceiver with direction pin, 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6 - 30 April 2021
logo
NXP Semiconductors
74LVC2245A PHILIPS-74LVC2245A_15 Datasheet
297Kb / 16P
Octal transceiver with direction pin, 30 series termination resistors; 5 V tolerant input/output; 3-state
Rev. 5-4 November 2011
More results

Similar Description - 74LVC2245A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT2245 PHILIPS-74ABT2245 Datasheet
107Kb / 12P
Octal transceiver with direction pin with 30ohm series termination resistors 3-State
1998 Jan 16
74LVC2244A PHILIPS-74LVC2244A Datasheet
84Kb / 16P
Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Sep 30
74LVC322245A PHILIPS-74LVC322245A Datasheet
87Kb / 16P
32-bit bus transceiver with direction pin; 30 ohm series termination resistors; 5 V tolerant; 3-state
1999 Sep 01
74LVC245A PHILIPS-74LVC245A Datasheet
125Kb / 20P
Octal bus transceiver with direction pin with 5 V tolerant input/outputs (3-state)
2003 May 07
74LVC_LVCH162245A PHILIPS-74LVC_LVCH162245A_15 Datasheet
237Kb / 16P
16-bit transceiver with direction pin, 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-23 November 2011
74LVC2245A PHILIPS-74LVC2245A_15 Datasheet
297Kb / 16P
Octal transceiver with direction pin, 30 series termination resistors; 5 V tolerant input/output; 3-state
Rev. 5-4 November 2011
74LVCH322245A PHILIPS-74LVCH322245A_15 Datasheet
119Kb / 15P
32-bit bus transceiver with direction pin; 30 ??series termination resistors; 5 V tolerant; 3-state
Rev. 4-20 December 2011
logo
Nexperia B.V. All right...
74LVC162245A-Q100 NEXPERIA-74LVC162245A-Q100 Datasheet
237Kb / 14P
16-bit transceiver with direction pin; 30 廓 series termination resistors; 5 V tolerant input/output; 3-state
74LVCH162245A NEXPERIA-74LVCH162245A Datasheet
257Kb / 14P
16-bit transceiver with direction pin; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
74LVC2245A NEXPERIA-74LVC2245A Datasheet
258Kb / 14P
Octal transceiver with direction pin, 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com