Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2245A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC2245A
Description  Octal transceiver with direction pin; 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2245A Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC2245A Datasheet HTML 1Page - NXP Semiconductors 74LVC2245A Datasheet HTML 2Page - NXP Semiconductors 74LVC2245A Datasheet HTML 3Page - NXP Semiconductors 74LVC2245A Datasheet HTML 4Page - NXP Semiconductors 74LVC2245A Datasheet HTML 5Page - NXP Semiconductors 74LVC2245A Datasheet HTML 6Page - NXP Semiconductors 74LVC2245A Datasheet HTML 7Page - NXP Semiconductors 74LVC2245A Datasheet HTML 8Page - NXP Semiconductors 74LVC2245A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
2003 Nov 17
3
Philips Semiconductors
Product specification
Octal transceiver with direction pin, 30
Ω series
termination resistors; 5 V tolerant input/output; 3-state
74LVC2245A
ORDERING INFORMATION
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level;
X = don’t care;
Z = high-impedance OFF-state.
TYPE NUMBER
PACKAGE
TEMPERATURE RANGE
PINS
PACKAGE
MATERIAL
CODE
74LVC2245AD
−40 to +125 °C
20
SO20
plastic
SOT163-1
74LVC2245ADB
−40 to +125 °C
20
SSOP20
plastic
SOT339-1
74LVC2245APW
−40 to +125 °C
20
TSSOP20
plastic
SOT360-1
74LVC2245ABQ
−40 to +125 °C
20
DHVQFN20
plastic
SOT764-1
INPUT
INPUT/OUTPUT
OE
DIR
An
Bn
L
L
A = B
input
L
H
input
B = A
HX
Z
Z
PINNING
PIN
SYMBOL
DESCRIPTION
1
DIR
direction control input
2
A0
data input/output
3
A1
data input/output
4
A2
data input/output
5
A3
data input/output
6
A4
data input/output
7
A5
data input/output
8
A6
data input/output
9
A7
data input/output
10
GND
ground (0 V)
11
B7
data input/output
12
B5
data input/output
13
B5
data input/output
14
B4
data input/output
15
B3
data input/output
16
B2
data input/output
17
B1
data input/output
18
B0
data input/output
19
OE
output enable input
(active LOW)
20
VCC
supply voltage
PIN
SYMBOL
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com