Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT2245 Datasheet (PDF) - NXP Semiconductors

74ABT2245 Datasheet PDF - NXP Semiconductors
Part # 74ABT2245
Download  74ABT2245 Download
File Size   107.86 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal transceiver with direction pin with 30ohm series termination resistors 3-State

74ABT2245 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT2245 Datasheet PDF - NXP Semiconductors

Part # 74ABT2245
Download  74ABT2245 Click to download

File Size   107.86 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal transceiver with direction pin with 30ohm series termination resistors 3-State

74ABT2245 Datasheet (HTML) - NXP Semiconductors


74ABT2245 Product details

DESCRIPTION
The 74ABT2245 high-performance BiCMOS device combines low static and dynamic power dissipation with high speed.

FEATURES
• Octal bidirectional bus interface
• 3-State buffers
• Output capability: +12mA/–32mA
• Latch-up protection exceeds 500mA per Jedec Std 17
• ESD protection exceeds 2000 V per MIL STD 833 Method 3015 and 200 V per Machine Model
• Power-up 3-State
• Live insertion/extraction permitted
• Same as 74ABT245-1
• Outputs include series resistance of 30Ω, making external termination resistors unnecessary
• Inputs are disabled during 3-State mode




Similar Part No. - 74ABT2245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT2245 PHILIPS-74ABT2245 Datasheet
111Kb / 12P
Octal transceiver with direction pin and 30W series termination resistors (3-State)
1998 Jan 16
74ABT2245D PHILIPS-74ABT2245D Datasheet
111Kb / 12P
Octal transceiver with direction pin and 30W series termination resistors (3-State)
1998 Jan 16
74ABT2245DB PHILIPS-74ABT2245DB Datasheet
111Kb / 12P
Octal transceiver with direction pin and 30W series termination resistors (3-State)
1998 Jan 16
74ABT2245N PHILIPS-74ABT2245N Datasheet
111Kb / 12P
Octal transceiver with direction pin and 30W series termination resistors (3-State)
1998 Jan 16
74ABT2245PW PHILIPS-74ABT2245PW Datasheet
111Kb / 12P
Octal transceiver with direction pin and 30W series termination resistors (3-State)
1998 Jan 16
More results


Similar Description - 74ABT2245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT2240 PHILIPS-74ABT2240 Datasheet
103Kb / 10P
Octal inverting buffer with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT2241 PHILIPS-74ABT2241 Datasheet
104Kb / 12P
Octal buffer with 30ohm series termination resistors; 3-State
1996 Sep 30
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT245 PHILIPS-74ABT245 Datasheet
104Kb / 10P
Octal transceiver with direction pin 3-State
1998 Jan 16
74F2245 PHILIPS-74F2245 Datasheet
103Kb / 10P
Octal transceiver with 30ohm equivalent output termination 3-State
1996 May 10
74LVC162245A PHILIPS-74LVC162245A Datasheet
84Kb / 10P
16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State
2003 Dec 08
74LVT2245 PHILIPS-74LVT2245 Datasheet
93Kb / 10P
3.3V Octal transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74ABT2245 PHILIPS-74ABT2245 Datasheet
111Kb / 12P
Octal transceiver with direction pin and 30W series termination resistors (3-State)
1998 Jan 16
74ABT245DB NXP-74ABT245DB Datasheet
827Kb / 6P
Octal transceiver with direction pin (3-State)
logo
Nexperia B.V. All right...
74ABT245 NEXPERIA-74ABT245 Datasheet
233Kb / 12P
Octal transceiver with direction pin; 3-state
Rev. 5 - 9 July 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com