Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F2245 Datasheet (PDF) - NXP Semiconductors

74F2245 Datasheet PDF - NXP Semiconductors
Part # 74F2245
Download  74F2245 Download
File Size   103.8 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal transceiver with 30ohm equivalent output termination 3-State

74F2245 Datasheet (PDF)

Go To PDF Page Download Datasheet
74F2245 Datasheet PDF - NXP Semiconductors

Part # 74F2245
Download  74F2245 Click to download

File Size   103.8 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Octal transceiver with 30ohm equivalent output termination 3-State

74F2245 Datasheet (HTML) - NXP Semiconductors


74F2245 Product details

DESCRIPTION

The 74F2245 is an octal transceiver featuring non-inverting 3-State bus compatible outputs in both transmit and receive directions. The device features an Output Enable (OE) input for easy cascading and Transmit/Receive (T/R) input for direction control. The 3-State outputs, B0-B7, have been designed to prevent output bus loading if the power is removed from the device.



FEATURES

• Octal bidirectional bus interface

• 30 Ohm output termination for driving DRAM

• Outputs are placed in high impedance state during power-off conditions

• SSOP Type II package



 




Similar Part No. - 74F2245

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F2245 NSC-74F2245 Datasheet
112Kb / 6P
Octal Bidirectional Transceiver with TRI-STATE Outputs
74F2245SC NSC-74F2245SC Datasheet
112Kb / 6P
Octal Bidirectional Transceiver with TRI-STATE Outputs
74F2245SCX NSC-74F2245SCX Datasheet
112Kb / 6P
Octal Bidirectional Transceiver with TRI-STATE Outputs
More results


Similar Description - 74F2245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT162245A PHILIPS-74ABT162245A Datasheet
83Kb / 12P
16-Bit bus transceiver with 30ohm series termination resistors 3-State
1998 Feb 25
74ABT2240 PHILIPS-74ABT2240 Datasheet
103Kb / 10P
Octal inverting buffer with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT2241 PHILIPS-74ABT2241 Datasheet
104Kb / 12P
Octal buffer with 30ohm series termination resistors; 3-State
1996 Sep 30
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT2245 PHILIPS-74ABT2245 Datasheet
107Kb / 12P
Octal transceiver with direction pin with 30ohm series termination resistors 3-State
1998 Jan 16
74F2240 PHILIPS-74F2240 Datasheet
96Kb / 10P
Octal inverter buffer with 30ohm equivalent output termination 3-State
1990 Dec 13
74F2244 PHILIPS-74F2244 Datasheet
95Kb / 10P
Octal buffer with 30ohm equivalent output termination 3-State
1994 Dec 5
74F2373 PHILIPS-74F2373 Datasheet
84Kb / 10P
Octal transparent latch with 30ohm equivalent output termination 3-State
1999 Feb 01
74LVT162245B PHILIPS-74LVT162245B Datasheet
80Kb / 10P
3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74LVT2245 PHILIPS-74LVT2245 Datasheet
93Kb / 10P
3.3V Octal transceiver with 30ohm termination resistors 3-State
1998 Feb 19
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com