Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2244 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC2244
Description  Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2244 Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC2244 Datasheet HTML 1Page - NXP Semiconductors 74LVC2244 Datasheet HTML 2Page - NXP Semiconductors 74LVC2244 Datasheet HTML 3Page - NXP Semiconductors 74LVC2244 Datasheet HTML 4Page - NXP Semiconductors 74LVC2244 Datasheet HTML 5Page - NXP Semiconductors 74LVC2244 Datasheet HTML 6Page - NXP Semiconductors 74LVC2244 Datasheet HTML 7Page - NXP Semiconductors 74LVC2244 Datasheet HTML 8Page - NXP Semiconductors 74LVC2244 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1999 Sep 30
2
Philips Semiconductors
Product specification
Octal buffer/line driver with 30
Ω series termination
resistors; 5 V input/output tolerant; 3-state
74LVC2244A
FEATURES
• 5 V tolerant inputs/outputs for interfacing with 5 V logic
• Wide supply voltage range of 1.2 to 3.6 V
• CMOS low power consumption
• Direct interface with TTL levels
• Integrated 30 Ω termination resistors.
DESCRIPTION
The 74LVC2244A is a high-performance, low-power,
low-voltage, Si-gate CMOS device, superior to most
advanced CMOS compatible TTL families.
Inputs can be driven from either 3.3 or 5 V devices. In
3-state operation, outputs can handle 5 V. These features
allow the use of these devices as translators in a mixed
3.3/5 V environment.
The 74LVC2244A is an octal non-inverting buffer/line
driver with 3-state outputs. The 3-state outputs are
controlled by the output enable inputs 1OE and 2OE. A
HIGH on nOE causes the outputs to assume a
high-impedance OFF-state. Schmitt-trigger action at all
inputs makes the circuit highly tolerant for slower input rise
and fall times. The 74LVC2244A is designed with 30
Ω
series termination resistors in both HIGH and LOW output
stages to reduce line noise.
QUICK REFERENCE DATA
Ground = 0 V; Tamb =25 °C; tr =tf ≤ 2.5 ns.
Note
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi + Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
Σ(CL × VCC2 × fo) = sum of the outputs.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
propagation delay 1An to 1Yn; 2An to 2Yn
CL = 50 pF; VCC = 3.3 V
4.0
ns
CI
input capacitance
5.0
pF
CPD
power dissipation capacitance per buffer
VI = GND to VCC; note 1
25
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com