Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5P49V6965 Datasheet (PDF) - Renesas Technology Corp

5P49V6965 Datasheet PDF - Renesas Technology Corp
Part # 5P49V6965
Download  5P49V6965 Download
File Size   1088.72 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VersaClock® 6E Programmable Clock Generator

5P49V6965 Datasheet (PDF)

Go To PDF Page Download Datasheet
5P49V6965 Datasheet PDF - Renesas Technology Corp

Part # 5P49V6965
Download  5P49V6965 Click to download

File Size   1088.72 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VersaClock® 6E Programmable Clock Generator

5P49V6965 Datasheet (HTML) - Renesas Technology Corp


5P49V6965 Product details

Description
The 5P49V6965 is a programmable clock generator intended for
high-performance consumer, networking, industrial, computing,
and data-communications applications. Configurations may be
stored in on-chip One-Time Programmable (OTP) memory or
changed using I2
C interface. This is Renesas’ sixth generation of
programmable clock technology (VersaClock 6E).
The frequencies are generated from a single reference clock. The
reference clock can come from one of the two redundant clock
inputs. A glitchless manual switchover function allows one of the
redundant clocks to be selected during normal operation.
Two select pins allow up to four different configurations to be
programmed and accessible using processor GPIOs or
bootstrapping. The different selections may be used for different
operating modes (full function, partial function, partial
power-down), regional standards (US, Japan, Europe) or system
production margin testing. The device may be configured to use
one of two I2
C addresses to allow multiple devices to be used in a
system.

Features
▪ Flexible 1.8V, 2.5V, 3.3V power-rails
▪ High-performance, low phase noise PLL, < 0.5ps RMS typical
phase jitter on outputs
▪ Four banks of internal OTP memory
• In-system or factory programmable
• 2 select pins accessible with processor GPIOs or
bootstrapping
▪ I
2
C serial programming interface
• 0xD0 or 0xD4 I2C address options allows multiple devices
configured in a same system
▪ Reference LVCMOS output clock
▪ Four universal output pairs individually configurable:
• Differential (LVPECL, LVDS or HCSL)
• 2 single-ended (2 LVCMOS in-phase or 180 degrees out of
phase)
• I/O VDDs can be mixed and matched, supporting 1.8V
(LVDS and LVCMOS), 2.5V, or 3.3V
▪ Output frequency ranges:
• LVCMOS clock outputs: 1kHz to 200MHz
• LVDS, LVPECL, HCSL differential clock outputs: 1kHz to
350MHz
▪ Redundant clock inputs with manual switchover
▪ Programmable output enable or power-down mode
▪ Available in 4 × 4 mm 24-VFQFPN package
▪ -40° to +85°C industrial temperature operation




Similar Part No. - 5P49V6965

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V6965 IDT-5P49V6965 Datasheet
461Kb / 28P
VersaClock 6E Programmable Clock Generator
logo
Renesas Technology Corp
5P49V6965 RENESAS-5P49V6965 Datasheet
1Mb / 29P
VersaClock® 6E Programmable Clock Generator
April 17, 2024
5P49V6965 RENESAS-5P49V6965 Datasheet
1Mb / 30P
VersaClock® 6E Programmable Clock Generator
November 20
5P49V6965A000NLGI RENESAS-5P49V6965A000NLGI Datasheet
1Mb / 29P
VersaClock® 6E Programmable Clock Generator
April 17, 2024
5P49V6965A000NLGI RENESAS-5P49V6965A000NLGI Datasheet
1Mb / 30P
VersaClock® 6E Programmable Clock Generator
November 20
More results


Similar Description - 5P49V6965

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V60 IDT-5P49V60 Datasheet
452Kb / 28P
VersaClock 6E Programmable Clock Generator
5P49V6965 IDT-5P49V6965 Datasheet
461Kb / 28P
VersaClock 6E Programmable Clock Generator
5P49V6967 IDT-5P49V6967 Datasheet
1Mb / 32P
VersaClock 6E Programmable Clock Generator
5P49V6968 IDT-5P49V6968 Datasheet
678Kb / 32P
VersaClock 6E Programmable Clock Generator
logo
Renesas Technology Corp
5P49V6975 RENESAS-5P49V6975 Datasheet
1Mb / 30P
VersaClock® 6E Programmable Clock with Internal Crystal
February 2, 2023
5L35021 RENESAS-5L35021 Datasheet
969Kb / 39P
VersaClock® 3S Programmable Clock Generator
October 4, 2019
5P35021-152 RENESAS-5P35021-152 Datasheet
945Kb / 40P
VersaClock® Programmable Clock Generator
Mar 30, 2016
5P49V6967 RENESAS-5P49V6967 Datasheet
1Mb / 33P
VersaClock® 6E Programmable Clock Generator
Aug 30, 2022
5P49V6968 RENESAS-5P49V6968 Datasheet
1Mb / 33P
VersaClock® 6E Programmable Clock Generator
Sep 28, 2022
5X35023 RENESAS-5X35023 Datasheet
949Kb / 42P
VersaClock® Programmable Clock Generator
Mar 2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com