Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5X35023 Datasheet (PDF) - Renesas Technology Corp

5X35023 Datasheet PDF - Renesas Technology Corp
Part # 5X35023
Download  5X35023 Download
File Size   949.8 Kbytes
Page   42 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VersaClock® Programmable Clock Generator

5X35023 Datasheet (PDF)

Go To PDF Page Download Datasheet
5X35023 Datasheet PDF - Renesas Technology Corp

Part # 5X35023
Download  5X35023 Click to download

File Size   949.8 Kbytes
Page   42 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VersaClock® Programmable Clock Generator

5X35023 Datasheet (HTML) - Renesas Technology Corp


5X35023 Product details

Description
The 5X35023 is the latest VersaClock programmable clock
generator with an integrated crystal, and is designed for low
power, consumer, and high-performance PCI Express
applications.
The 5X35023 device is a 3 PLL architecture design, and each PLL
is individually programmable allowing for up to 6 unique
frequencies outputs. The device has built-in unique features such
as Proactive Power Saving (PPS), Performance-Power Balancing
(PPB), Overshoot Reduction Technology (ORT) and Extreme Low
Power DCO.
An internal OTP memory allows the user to store the configuration
in the device, after power up, user can change the register setting
through the I2
C interface when I2
C mode is selected. The device
has programmable VCO and PLL source selection to allow
power-performance optimization base on the application
requirements. The device supports 3 single-ended outputs and
two pairs of differential outputs that support LVCMOS, LVPECL,
LVDS and LP-HCSL.
Low Power 32.768kHz clock is supported with only less than 2μA
current consumption for system RTC reference clock.

Features
▪ Configurable OE pin function as OE, PD#, PPS or DFC control
function
▪ Configurable PLL bandwidth; minimizes jitter peaking
▪ PPS: Proactive Power Saving features save power during the
end device power down mode
▪ PPB: Performance-Power Balancing feature allows minimum
power consumption base on required performance
▪ DFC: Dynamic Frequency Control feature allows up to 4
difference frequencies to switch dynamically
▪ Spread spectrum clock support to lower system EMI
▪ I
2
C interface
▪ Integrated crystal




Similar Part No. - 5X35023

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5X35023 IDT-5X35023 Datasheet
478Kb / 40P
VersaClock Programmable Clock Generator
logo
Renesas Technology Corp
5X35023 RENESAS-5X35023 Datasheet
895Kb / 42P
VersaClock® Programmable Clock Generator
March 14, 2024
5X35023B-000NXGI RENESAS-5X35023B-000NXGI Datasheet
895Kb / 42P
VersaClock® Programmable Clock Generator
March 14, 2024
5X35023B-000NXGI8 RENESAS-5X35023B-000NXGI8 Datasheet
895Kb / 42P
VersaClock® Programmable Clock Generator
March 14, 2024
5X35023B-DDDNXGI RENESAS-5X35023B-DDDNXGI Datasheet
895Kb / 42P
VersaClock® Programmable Clock Generator
March 14, 2024
More results


Similar Description - 5X35023

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P35021 IDT-5P35021 Datasheet
393Kb / 34P
VersaClock Programmable Clock Generator
5P35023 IDT-5P35023 Datasheet
423Kb / 34P
VersaClock Programmable Clock Generator
5X35023 IDT-5X35023 Datasheet
478Kb / 40P
VersaClock Programmable Clock Generator
5P35021 IDT-5P35021_1 Datasheet
453Kb / 34P
VersaClock Programmable Clock Generator
logo
Renesas Technology Corp
5L35021 RENESAS-5L35021 Datasheet
969Kb / 39P
VersaClock® 3S Programmable Clock Generator
October 4, 2019
5L35023 RENESAS-5L35023 Datasheet
935Kb / 39P
VersaClock® 3S Programmable Clock Generator
November 30, 2022
5P35021-152 RENESAS-5P35021-152 Datasheet
945Kb / 40P
VersaClock® Programmable Clock Generator
Mar 30, 2016
5P49V6965 RENESAS-5P49V6965 Datasheet
1Mb / 29P
VersaClock® 6E Programmable Clock Generator
Aug 1, 2022
5P49V6967 RENESAS-5P49V6967 Datasheet
1Mb / 33P
VersaClock® 6E Programmable Clock Generator
Aug 30, 2022
5P49V6968 RENESAS-5P49V6968 Datasheet
1Mb / 33P
VersaClock® 6E Programmable Clock Generator
Sep 28, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com