Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5V2305S Datasheet (PDF) - Renesas Technology Corp

5V2305S Datasheet PDF - Renesas Technology Corp
Part # 5V2305S
Download  5V2305S Download
File Size   317.86 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Performance 1 to 5 Clock Buffer

5V2305S Datasheet (PDF)

Go To PDF Page Download Datasheet
5V2305S Datasheet PDF - Renesas Technology Corp

Part # 5V2305S
Download  5V2305S Click to download

File Size   317.86 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Performance 1 to 5 Clock Buffer

5V2305S Datasheet (HTML) - Renesas Technology Corp


5V2305S Product details

Description
The 5V2305S is a low skew, single input to five output, clock
buffer. The 5V2305S has best in class additive phase Jitter of
sub 50 fsec.
The 5V2305S also supports a synchronous glitch-free Output
Enable function to eliminate any potential intermediate
incorrect output clock cycles when enabling or disabling
outputs. It comes in various packages and can operate from a
1.8V to 3.3V supply

Features
• Extremely low RMS Additive Phase Jitter: 50fs
• Low output skew: 20ps
• Packaged in 16-pin TSSOP and small 2mm x 2mm 10-pin
DFN
• Pb (lead) free package
• Low power CMOS technology
• Operating voltages of 1.8V to 3.3V
• Extended temperature range (-40°C to +105°C)




Similar Part No. - 5V2305S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5V2305S IDT-5V2305S Datasheet
126Kb / 10P
High-Performance 1 to 5 Clock Buffer
5V2305SNTGK IDT-5V2305SNTGK Datasheet
126Kb / 10P
High-Performance 1 to 5 Clock Buffer
5V2305SNTGK8 IDT-5V2305SNTGK8 Datasheet
126Kb / 10P
High-Performance 1 to 5 Clock Buffer
5V2305SPGGK IDT-5V2305SPGGK Datasheet
126Kb / 10P
High-Performance 1 to 5 Clock Buffer
5V2305SPGGK8 IDT-5V2305SPGGK8 Datasheet
126Kb / 10P
High-Performance 1 to 5 Clock Buffer
More results


Similar Description - 5V2305S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V2305 IDT-IDT5V2305 Datasheet
53Kb / 8P
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2310 IDT-IDT5V2310 Datasheet
57Kb / 8P
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
logo
PhaseLink Corporation
PLL103-05 PLL-PLL103-05 Datasheet
122Kb / 4P
1-to-5 Clock Distribution Buffer
logo
Integrated Device Techn...
IDT5V2305 IDT-IDT5V2305_10 Datasheet
71Kb / 10P
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
IDT5V2305PGGI IDT-IDT5V2305PGGI Datasheet
74Kb / 10P
CLOCK BUFFER PERFORMANCE CLOCK BUFFER
IDT5V2310PGGI IDT-IDT5V2310PGGI Datasheet
98Kb / 9P
2.5V TO 3.3V HIGH PERFORMANCE CLOCK BUFFER
logo
Texas Instruments
CDCVF2310 TI1-CDCVF2310 Datasheet
884Kb / 23P
High-Performance Clock Buffer
logo
Integrated Device Techn...
5V2305S IDT-5V2305S Datasheet
126Kb / 10P
High-Performance 1 to 5 Clock Buffer
logo
Renesas Technology Corp
2304NZL RENESAS-2304NZL Datasheet
533Kb / 16P
1.8V to 3.3V, High-Performance 1:4 Clock Buffer
JANUARY 31, 2017
74FCT38075S RENESAS-74FCT38075S Datasheet
315Kb / 12P
Low Skew 1 to 5 Clock Buffer
REVISION A 03/18/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com