Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5V41065 Datasheet (PDF) - Renesas Technology Corp

5V41065 Datasheet PDF - Renesas Technology Corp
Part # 5V41065
Download  5V41065 Download
File Size   499.25 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2 OUTPUT PCIE GEN1/2 SYNTHESIZER

5V41065 Datasheet (PDF)

Go To PDF Page Download Datasheet
5V41065 Datasheet PDF - Renesas Technology Corp

Part # 5V41065
Download  5V41065 Click to download

File Size   499.25 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2 OUTPUT PCIE GEN1/2 SYNTHESIZER

5V41065 Datasheet (HTML) - Renesas Technology Corp


5V41065 Product details

General Description
The IDT5V41065 is a PCIe Gen2 compliant spread
spectrum capable clock generator. The device has 2
differential HCSL outputs and can be used in
communication or embedded systems to substantially
reduce electro-magnetic interference (EMI). The spread
amount and output frequency are selectable via select pins.
The IDT5V41065 can also supply 25 MHz, 125 MHz and
200 MHz outputs for applications such as Ethernet.

Features/Benefits
• 16-pin TSSOP and QFN packages; small board footprint
• Spread-spectrum capable; reduces EMI
• Outputs can be terminated to LVDS; can drive a wider
variety of devices
• 25 MHz, 125 MHz and 200 MHz output frequencies;
TSSOP only
• 100MHz and 200MHz output frequencies; VFQFPN
package
• OE control pin; greater system power management
• Spread% and frequency pin selection; no software
required to configure device
• Industrial temperature range available; supports
demanding embedded applications
• For PCIe Gen3 applications, see the 5V41235




Similar Part No. - 5V41065

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5V41065NLG IDT-5V41065NLG Datasheet
318Kb / 18P
2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41065NLG RENESAS-5V41065NLG Datasheet
467Kb / 19P
2 OUTPUT PCIE GEN1/2 SYNTHESIZER
APRIL 17, 2017
5V41065NLG RENESAS-5V41065NLG Datasheet
467Kb / 19P
2 OUTPUT PCIE GEN1/2 SYNTHESIZER
APRIL 17, 2017
logo
Integrated Device Techn...
5V41065NLG8 IDT-5V41065NLG8 Datasheet
318Kb / 18P
2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41065NLG8 RENESAS-5V41065NLG8 Datasheet
467Kb / 19P
2 OUTPUT PCIE GEN1/2 SYNTHESIZER
APRIL 17, 2017
More results


Similar Description - 5V41065

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5V41065PGG IDT-5V41065PGG Datasheet
133Kb / 12P
2 OUTPUT PCIE GEN1/2 SYNTHESIZER
5V41235 IDT-5V41235 Datasheet
317Kb / 18P
2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
IDT5V41065 IDT-IDT5V41065 Datasheet
318Kb / 18P
2 OUTPUT PCIE GEN1/2 SYNTHESIZER
IDT5V41285 IDT-IDT5V41285 Datasheet
315Kb / 17P
2 OUTPUT PCIE GEN1/2 SYNTHESIZER
IDT5V41315 IDT-IDT5V41315 Datasheet
310Kb / 16P
2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
logo
Renesas Technology Corp
5V41235 RENESAS-5V41235 Datasheet
496Kb / 19P
2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
MAY 5, 2017
5V41285 RENESAS-5V41285 Datasheet
467Kb / 18P
2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
5V41315 RENESAS-5V41315 Datasheet
750Kb / 17P
2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Mar 2020
IDT5V41064 RENESAS-IDT5V41064 Datasheet
354Kb / 14P
1 OUTPUT PCIE GEN1/2 SYNTHESIZER
APRIL 17, 2017
IDT5V41066 RENESAS-IDT5V41066 Datasheet
335Kb / 15P
4 OUTPUT PCIE GEN1/2 SYNTHESIZER
112211
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com