Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5V41235 Datasheet (PDF) - Renesas Technology Corp

5V41235 Datasheet PDF - Renesas Technology Corp
Part # 5V41235
Download  5V41235 Download
File Size   496.82 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER

5V41235 Datasheet (PDF)

Go To PDF Page Download Datasheet
5V41235 Datasheet PDF - Renesas Technology Corp

Part # 5V41235
Download  5V41235 Click to download

File Size   496.82 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER

5V41235 Datasheet (HTML) - Renesas Technology Corp


5V41235 Product details

General Description
The 5V41235 is a PCIe Gen2/3 compliant spread spectrum
capable clock generator. The device has 2 differential
HCSL outputs and can be used in communication or
embedded systems to substantially reduce
electro-magnetic interference (EMI). The spread amount
and output frequency are selectable via select pins. The
5V41235 can also supply 25 MHz, 125 MHz and 200 MHz
outputs for applications such as Ethernet.

Features/Benefits
• 16-pin TSSOP and QFN packages; small board footprint
• Spread-spectrum capable; reduces EMI
• Outputs can be terminated to LVDS; can drive a wider
variety of devices
• TSSOP package: 25MHz, 100MHz, 125MHz and
200MHz output frequencies.
• QFN package: 100MHz and 200MHz output frequencies.
• OE control pin; greater system power management
• Spread% and frequency pin selection; no software
required to configure device
• Industrial temperature range available; supports
demanding embedded applications




Similar Part No. - 5V41235

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5V41235 IDT-5V41235 Datasheet
317Kb / 18P
2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
5V41235NLG IDT-5V41235NLG Datasheet
317Kb / 18P
2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
5V41235NLG8 IDT-5V41235NLG8 Datasheet
317Kb / 18P
2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
5V41235NLGI IDT-5V41235NLGI Datasheet
317Kb / 18P
2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
5V41235NLGI8 IDT-5V41235NLGI8 Datasheet
317Kb / 18P
2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
More results


Similar Description - 5V41235

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5V41065PGG IDT-5V41065PGG Datasheet
133Kb / 12P
2 OUTPUT PCIE GEN1/2 SYNTHESIZER
5V41235 IDT-5V41235 Datasheet
317Kb / 18P
2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
IDT5V41065 IDT-IDT5V41065 Datasheet
318Kb / 18P
2 OUTPUT PCIE GEN1/2 SYNTHESIZER
IDT5V41285 IDT-IDT5V41285 Datasheet
315Kb / 17P
2 OUTPUT PCIE GEN1/2 SYNTHESIZER
IDT5V41315 IDT-IDT5V41315 Datasheet
310Kb / 16P
2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
logo
Renesas Technology Corp
5V41065 RENESAS-5V41065 Datasheet
499Kb / 19P
2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
5V41234 RENESAS-5V41234 Datasheet
355Kb / 14P
1 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
5V41236 RENESAS-5V41236 Datasheet
506Kb / 14P
4 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
SEPTEMBER 18, 2019
5V41285 RENESAS-5V41285 Datasheet
467Kb / 18P
2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
5V41315 RENESAS-5V41315 Datasheet
750Kb / 17P
2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Mar 2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com