Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8A34044 Datasheet (PDF) - Renesas Technology Corp

8A34044 Datasheet PDF - Renesas Technology Corp
Part # 8A34044
Download  8A34044 Download
File Size   2177.23 Kbytes
Page   94 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Four-Channel Universal Frequency

8A34044 Datasheet (PDF)

Go To PDF Page Download Datasheet
8A34044 Datasheet PDF - Renesas Technology Corp

Part # 8A34044
Download  8A34044 Click to download

File Size   2177.23 Kbytes
Page   94 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Four-Channel Universal Frequency

8A34044 Datasheet (HTML) - Renesas Technology Corp


8A34044 Product details

Features
▪ Close-in phase noise complies with Common Public Radio
Interface (CPRI) frequency synchronization requirements
▪ Supports all ITU-T G.709 frequencies
▪ Meets OTN jitter and wander requirements per ITU-T G.8251
▪ Four independent DPLL/DCO channels
• Each can act as a frequency synthesizer, jitter attenuator,
Digitally Controlled Oscillator (DCO), or Digital Phase Lock
Loop (DPLL)
• DPLL Digital Loop Filters (DLFs) are programmable with
cut-off frequencies from 1.1Hz to 22kHz
• Generate output frequencies that are independent of input
frequencies via a Fractional Output Divider (FOD)
• Each FOD supports output phase tuning with 50ps
resolution
▪ Four independent DCO channels
• Each DCO can act as an independent DCO or as a Satellite
Channel
• Satellite Channels are associated with a source DPLL or
DCO to increase the number of independently
programmable FODs and output stages available to the
source channel
• Each DCO generates an independent output frequency via a
Fractional Output Divider (FOD)
▪ 12 differential / 24 LVCMOS outputs
• Frequencies from 0.5Hz to 1GHz (250MHz for LVCMOS)
• Jitter below 150fs RMS (10kHz to 20MHz)
• Supports LVCMOS, LVDS, LVPECL, HCSL, CML, SSTL,
and HSTL output modes
• Differential output swing is selectable: 400mV / 650mV /
800mV / 910mV
• Independent output voltages of 3.3V, 2.5V, or 1.8V
▪ LVCMOS additionally supports 1.5V or 1.2V
• The clock phase of each output is individually programmable
in 1ns to 2ns steps with a total range of ±180°
▪ 4 differential / 8 single-ended clock inputs
• Supports frequencies from 1kHz to 1GHz
• Any input can be mapped to any or all of the timing channels
• Redundant inputs frequency independent of each other
• Any input can be designated as external frame/sync pulse of
PPES (pulse per even second), 1PPS (Pulse per Second),
5PPS, 10PPS, 50Hz, 100Hz, 1 kHz, 2 kHz, 4kHz, and 8kHz
associated with a selectable reference clock input
• Per-input programmable phase offset of up to ±1.638s in
50ps steps
▪ Reference monitors qualify/disqualify references depending on
LOS, activity, frequency monitoring, and/or LOS input pins
• Loss of Signal (LOS) input pins (via GPIOs) can be assigned
to any input clock reference
▪ Automatic reference selection state machines select the active
reference for each DPLL based on the reference monitors,
priority tables, revertive / non-revertive, and other
programmable settings
▪ System APLL operates from fundamental-mode crystal: 25MHz
to 54MHz or from a crystal oscillator
▪ System DPLL accepts an XO, TCXO, or OCXO operating at
virtually any frequency from 1MHz to 150MHz
▪ DPLLs can be configured as DCOs to synthesize clocks under
the control of an external algorithm
• DCOs generate with frequency resolution less than
1.11 × 10-16
▪ Supports 1MHz I2
C or 50MHz SPI serial processor ports
▪ Can configure itself automatically after reset via:
• Internal customer definable One-Time Programmable (OTP)
memory with up to 16 different configurations
• Standard external I2
C EEPROM if serial port in I2
C mode
▪ 1149.1 JTAG Boundary Scan
▪ 10 × 10 mm 72-QFN package




Similar Part No. - 8A34044

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8A34044 IDT-8A34044 Datasheet
1Mb / 85P
Four-Channel Universal Frequency Translator
More results


Similar Description - 8A34044

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H141 ONSEMI-MC10H141_06 Datasheet
149Kb / 6P
Four?묪it Universal Shift Register
February, 2006 ??Rev. 8
logo
Integrated Device Techn...
8A34041 IDT-8A34041 Datasheet
1Mb / 90P
8-Channel Universal Frequency Translator
8A34042 IDT-8A34042 Datasheet
1Mb / 86P
Four-Channel Universal Frequency Translator
8A34043 IDT-8A34043 Datasheet
1Mb / 84P
Four-Channel Universal Frequency Translator
8A34044 IDT-8A34044 Datasheet
1Mb / 85P
Four-Channel Universal Frequency Translator
8A34045 IDT-8A34045 Datasheet
1Mb / 88P
Two-Channel Universal Frequency Translator
logo
Renesas Technology Corp
8A34041 RENESAS-8A34041 Datasheet
2Mb / 98P
8-Channel Universal Frequency Translator
December 14, 2021
8A34042 RENESAS-8A34042 Datasheet
2Mb / 96P
Four-Channel Universal Frequency Translator
January 17, 2022
8A34043 RENESAS-8A34043 Datasheet
2Mb / 94P
Four-Channel Universal Frequency Translator
February 4, 2022
8A34045 RENESAS-8A34045 Datasheet
2Mb / 94P
Two-Channel Universal Frequency Translator
February 22, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com