Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8INT31H800A Datasheet (PDF) - Renesas Technology Corp

8INT31H800A Datasheet PDF - Renesas Technology Corp
Part # 8INT31H800A
Download  8INT31H800A Download
File Size   551.59 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Output Very Low Phase Jitter HCSL Fanout Buffer

8INT31H800A Datasheet (PDF)

Go To PDF Page Download Datasheet
8INT31H800A Datasheet PDF - Renesas Technology Corp

Part # 8INT31H800A
Download  8INT31H800A Click to download

File Size   551.59 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Output Very Low Phase Jitter HCSL Fanout Buffer

8INT31H800A Datasheet (HTML) - Renesas Technology Corp


8INT31H800A Product details

General Description
The 8INT31H800A is an 8-output very high performance HCSL
fanout buffer for High Performance Interconnect applications. It can
also be used at speeds up to 350MHz. There are four OE pins on the
device, each controlling two outputs.

Features/Benefits
• Extremely low additive phase jitter; supports DB800H
requirements
• 3.3V operation; standard industry power supply
• Four OE pins each controlling two outputs; easy control of clocks
to CPU sockets
• Universal differential input; can be driven by HCSL or LVPECL
clock sources
• 1MHz to 350MHz operating frequency; covers all popular Ethernet
frequencies
• Space saving 32-pin 5x5mm VFQFN; minimal board space




Similar Part No. - 8INT31H800A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8INT31H800A IDT-8INT31H800A Datasheet
357Kb / 17P
Universal differential input
More results


Similar Description - 8INT31H800A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0541 IDT-9DBV0541_16 Datasheet
218Kb / 17P
5-output 1.8V HCSL Fanout Buffer
9DBV0731 IDT-9DBV0731_16 Datasheet
264Kb / 17P
7-output 1.8V HCSL Fanout Buffer
9DBV0741 IDT-9DBV0741 Datasheet
221Kb / 17P
7-output 1.8V HCSL Fanout Buffer
9DBV0531 IDT-9DBV0531_17 Datasheet
204Kb / 17P
5-Output 1.8V HCSL Fanout Buffer
9DBV0731 IDT-9DBV0731_17 Datasheet
264Kb / 17P
7-Output 1.8V HCSL Fanout Buffer
9DBV0931 IDT-9DBV0931_17 Datasheet
254Kb / 18P
9-Output 1.8V HCSL Fanout Buffer
logo
CTS Corporation
643H CTS-643H Datasheet
667Kb / 7P
Very Low Jitter HCSL Clock
645H CTS-645H Datasheet
662Kb / 7P
Very Low Jitter HCSL Clock
logo
Renesas Technology Corp
9INT31H200 RENESAS-9INT31H200 Datasheet
546Kb / 10P
2-Output Very Low Phase Jitter HCSL Fanout Buffer
August 9, 2018
9INT31H400 RENESAS-9INT31H400 Datasheet
518Kb / 10P
4-Output Very Low-Phase Jitter HCSL Fanout Buffer
December 1, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com