Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9INT31H200 Datasheet (PDF) - Renesas Technology Corp

9INT31H200 Datasheet PDF - Renesas Technology Corp
Part # 9INT31H200
Download  9INT31H200 Download
File Size   546.19 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2-Output Very Low Phase Jitter HCSL Fanout Buffer

9INT31H200 Datasheet (PDF)

Go To PDF Page Download Datasheet
9INT31H200 Datasheet PDF - Renesas Technology Corp

Part # 9INT31H200
Download  9INT31H200 Click to download

File Size   546.19 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2-Output Very Low Phase Jitter HCSL Fanout Buffer

9INT31H200 Datasheet (HTML) - Renesas Technology Corp


9INT31H200 Product details

Features
▪ Extremely low additive phase jitter; supports DB200H
requirements
▪ 3.3V operation; standard industry power supply
▪ 2 OE pins (1 for each output); easy control of clocks to CPU
sockets
▪ HCSL-compatible input; supports popular devices
▪ 1MHz to 350MHz operating frequency; covers all popular
Ethernet frequencies
▪ Space saving 3 × 3 mm 16-QFN; minimal board space




Similar Part No. - 9INT31H200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9INT31H400 RENESAS-9INT31H400 Datasheet
518Kb / 10P
4-Output Very Low-Phase Jitter HCSL Fanout Buffer
December 1, 2022
9INT31H400NLGI RENESAS-9INT31H400NLGI Datasheet
518Kb / 10P
4-Output Very Low-Phase Jitter HCSL Fanout Buffer
December 1, 2022
9INT31H400NLGI8 RENESAS-9INT31H400NLGI8 Datasheet
518Kb / 10P
4-Output Very Low-Phase Jitter HCSL Fanout Buffer
December 1, 2022
More results


Similar Description - 9INT31H200

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0541 IDT-9DBV0541_16 Datasheet
218Kb / 17P
5-output 1.8V HCSL Fanout Buffer
9DBV0731 IDT-9DBV0731_16 Datasheet
264Kb / 17P
7-output 1.8V HCSL Fanout Buffer
9DBV0741 IDT-9DBV0741 Datasheet
221Kb / 17P
7-output 1.8V HCSL Fanout Buffer
9DBV0531 IDT-9DBV0531_17 Datasheet
204Kb / 17P
5-Output 1.8V HCSL Fanout Buffer
9DBV0731 IDT-9DBV0731_17 Datasheet
264Kb / 17P
7-Output 1.8V HCSL Fanout Buffer
9DBV0931 IDT-9DBV0931_17 Datasheet
254Kb / 18P
9-Output 1.8V HCSL Fanout Buffer
logo
CTS Corporation
643H CTS-643H Datasheet
667Kb / 7P
Very Low Jitter HCSL Clock
645H CTS-645H Datasheet
662Kb / 7P
Very Low Jitter HCSL Clock
logo
Renesas Technology Corp
8INT31H800A RENESAS-8INT31H800A Datasheet
551Kb / 18P
8-Output Very Low Phase Jitter HCSL Fanout Buffer
Mar 2020
9INT31H400 RENESAS-9INT31H400 Datasheet
518Kb / 10P
4-Output Very Low-Phase Jitter HCSL Fanout Buffer
December 1, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com