Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P34S1204 Datasheet (PDF) - Renesas Technology Corp

8P34S1204 Datasheet PDF - Renesas Technology Corp
Part # 8P34S1204
Download  8P34S1204 Download
File Size   1552.54 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:4 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks

8P34S1204 Datasheet (PDF)

Go To PDF Page Download Datasheet
8P34S1204 Datasheet PDF - Renesas Technology Corp

Part # 8P34S1204
Download  8P34S1204 Click to download

File Size   1552.54 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:4 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks

8P34S1204 Datasheet (HTML) - Renesas Technology Corp


8P34S1204 Product details

Description
The 8P34S1204 is a high-performance differential LVDS fanout
buffer. The device is designed for the fanout of 1PPS signals or
high-frequency, very low additive phase-noise clock and data
signals. The 8P34S1204 supports fail-safe operation and is
characterized to operate from a 1.8V or 2.5V power supply.
Guaranteed low output-to-output and part-to-part skew
characteristics make the 8P34S1204 ideal for those clock
distribution applications demanding well-defined performance and
repeatability. Two selectable differential inputs and four low skew
outputs are available. The integrated bias voltage reference
enables easy interfacing of single-ended signals to the device
inputs. The device is optimized for low power consumption and
low additive phase noise.

Features
• Four low skew, low additive jitter LVDS output pairs
• Two selectable, differential clock input pairs
• Differential CLK, nCLK pairs can accept the following
differential input levels: LVDS, CML
• Maximum input clock frequency: 1.5GHz
• LVCMOS/LVTTL interface levels for the control input select
• Output skew: 10ps (typical)
• Propagation delay: 400ps (maximum)
• Low propagation delay variation across temperature for 1PPS
applications
• Low additive phase jitter, RMS; fREF = 156.25MHz,
10kHz–20MHz: 34fs (typical)
• Device current consumption (IDD):
• 65mA typical: 1.8V
• 75mA typical: 2.5V
• Full 1.8V or 2.5V supply voltage
• Lead-free (RoHS 6), 16-Lead VFQFPN package
• -40°C to +85°C ambient operating temperature
• Supports case temperature up to +105°C
• Supports PCI Express Gen 1-5




Similar Part No. - 8P34S1204

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8P34S1204 RENESAS-8P34S1204 Datasheet
1Mb / 18P
2:4 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks
June 14, 2022
8P34S1204-1 RENESAS-8P34S1204-1 Datasheet
898Kb / 16P
2:4 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks with Individual OE Control
Jul 17, 2024
8P34S1204-1NBGI RENESAS-8P34S1204-1NBGI Datasheet
898Kb / 16P
2:4 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks with Individual OE Control
Jul 17, 2024
8P34S1204-1NBGI/W RENESAS-8P34S1204-1NBGI/W Datasheet
898Kb / 16P
2:4 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks with Individual OE Control
Jul 17, 2024
8P34S1204-1NBGI8 RENESAS-8P34S1204-1NBGI8 Datasheet
898Kb / 16P
2:4 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks with Individual OE Control
Jul 17, 2024
More results


Similar Description - 8P34S1204

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8P34S1102I IDT-8P34S1102I_17 Datasheet
348Kb / 16P
1:2 LVDS Output 1.8V Fanout Buffer
8P34S2106 IDT-8P34S2106_17 Datasheet
577Kb / 25P
Dual 1:6 LVDS Output 1.8V / 2.5V Fanout Buffer
logo
Renesas Technology Corp
8P34S1102 RENESAS-8P34S1102 Datasheet
1Mb / 18P
1:2 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks
June 3, 2022
8P34S1208 RENESAS-8P34S1208 Datasheet
1Mb / 18P
2:8 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks
June 13, 2022
8P34S1212 RENESAS-8P34S1212 Datasheet
1Mb / 18P
2:12 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks
June 14, 2022
8P34S2102 RENESAS-8P34S2102 Datasheet
1Mb / 19P
Dual 1:2 LVDS Output 1.8V / 2.5V Fanout Buffer
March 20, 2023
8P34S2104 RENESAS-8P34S2104 Datasheet
1Mb / 20P
Dual 1:4 LVDS Output 1.8V / 2.5V Fanout Buffer
March 20, 2023
8SLVD1204 RENESAS-8SLVD1204 Datasheet
777Kb / 19P
2:4, LVDS Output Fanout Buffer, 2.5V
May 11, 2021
8V34S204 RENESAS-8V34S204 Datasheet
1Mb / 23P
1:4 LVDS Fanout Buffer with 2-Input Multiplexer for 1PPS Applications
6/17/14
8V34S208 RENESAS-8V34S208 Datasheet
861Kb / 22P
1:8 LVDS Fanout Buffer with 2-Input Multiplexer for 1PPS Applications
06/26/14
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com