Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8V34S208 Datasheet (PDF) - Renesas Technology Corp

8V34S208 Datasheet PDF - Renesas Technology Corp
Part # 8V34S208
Download  8V34S208 Download
File Size   861.67 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:8 LVDS Fanout Buffer with 2-Input Multiplexer for 1PPS Applications

8V34S208 Datasheet (PDF)

Go To PDF Page Download Datasheet
8V34S208 Datasheet PDF - Renesas Technology Corp

Part # 8V34S208
Download  8V34S208 Click to download

File Size   861.67 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:8 LVDS Fanout Buffer with 2-Input Multiplexer for 1PPS Applications

8V34S208 Datasheet (HTML) - Renesas Technology Corp


8V34S208 Product details

General Description
The 8V34S208 is a differential 1:8 LVDS fanout buffer with a 2:1
input multiplexer. The device accepts DC to 250MHz clock and data
signals and is designed for 1Hz clock /1PPS, 2kHz and 8kHz signal
distribution. Controlled by the input mode selection pin, the
differential input stages accept both rectangular or sinusoidal
signals. The 8V34S208 also provides level translated
LVCMOS/LVTTL outputs which are copies of the individual
differential inputs CLKA and CLKB. The propagation delay of the
device is very low, providing an ideal solution for clock distribution
circuits with tight phase alignment requirements. The multiplexer
select pin (SEL) allows to select one out of two input signals, which
is copied to the four differential outputs.

Features
• Designed for 1PPS, 2kHz, 8kHz and 10MHz GPS clock signal
distribution
• High speed 1:8 LVDS fanout buffer
• Eight differential LVDS output pairs
• 2:1 input multiplexer
• Two selectable differential inputs accept LVDS and LVPECL
signals
• Accepts rectangular and sinusoidal input signals
• Two input monitoring outputs (LVCMOS)
• Max output frequency: 250 MHz
• Additive RMS phase jitter:
118fs (typical) at 100Mhz (12k-20Mhz)
• Part-to-part skew: 250ps (maximum)
• Propagation delay: 325ps (typical), LVDS output
• Full 2.5V and 3.3V voltage supply
• -40°C to 85°C ambient operating temperature
• Lead-free 32-lead VFQFN (RoHS 6/6) packaging




Similar Part No. - 8V34S208

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V34S208 IDT-8V34S208 Datasheet
662Kb / 21P
Eight differential LVDS output pairs
More results


Similar Description - 8V34S208

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89838U MICREL-SY89838U Datasheet
417Kb / 16P
Precision 1:8 LVDS Clock Fanout Buffer with 2:1 Runt Pulse Eliminator Input MUX
SY89218U_0708 MICREL-SY89218U_0708 Datasheet
774Kb / 17P
YPrecision 1:15 LVDS Fanout Buffer with 2:1
logo
Renesas Technology Corp
8P34S1102 RENESAS-8P34S1102 Datasheet
1Mb / 18P
1:2 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks
June 3, 2022
8P34S1204 RENESAS-8P34S1204 Datasheet
1Mb / 19P
2:4 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks
June 14, 2022
8P34S1208 RENESAS-8P34S1208 Datasheet
1Mb / 18P
2:8 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks
June 13, 2022
8P34S1212 RENESAS-8P34S1212 Datasheet
1Mb / 18P
2:12 LVDS 1.8V / 2.5V Fanout Buffer for 1PPS and High-Speed Clocks
June 14, 2022
8V34S204 RENESAS-8V34S204 Datasheet
1Mb / 23P
1:4 LVDS Fanout Buffer with 2-Input Multiplexer for 1PPS Applications
6/17/14
889474 RENESAS-889474 Datasheet
407Kb / 17P
2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
11/11/15
IDT8SLVD1208-33I RENESAS-IDT8SLVD1208-33I Datasheet
747Kb / 22P
1:8, LVDS Output Fanout Buffer
FEBRUARY 12, 2014
IDT8SLVD1208I RENESAS-IDT8SLVD1208I Datasheet
656Kb / 21P
1:8, LVDS Output Fanout Buffer
MAY 1, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com