Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

889474 Datasheet (PDF) - Renesas Technology Corp

889474 Datasheet PDF - Renesas Technology Corp
Part # 889474
Download  889474 Download
File Size   407.05 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination

889474 Datasheet (PDF)

Go To PDF Page Download Datasheet
889474 Datasheet PDF - Renesas Technology Corp

Part # 889474
Download  889474 Click to download

File Size   407.05 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination

889474 Datasheet (HTML) - Renesas Technology Corp


889474 Product details

GENERAL DESCRIPTION
The 889474 is a high speed 2-to-1 differential multiplexer
with integrated 2 output LVDS fanout buffer and internal
termination and is a member of the family of high performance
clock solutions from IDT. The 889474 is optimized for
high speed and very low output skew, making it suitable
for use in demanding applications such as SONET,
1 Gigabit and 10 Gigabit Ethernet, and Fibre Channel. The internally
terminated differential input and VREF_AC pins allow other differential
signal families such as LVPECL, LVDS, LVHSTL and CML to be easily
interfaced to the input with minimal use of external components. The
889474 is packaged in a small 4mm x 4mm 24-pin VFQFN package
which makes it ideal for use in space-constrained applications.

FEATURES
• Two differential LVDS outputs
• INx, nINx pair can accept the following differential input levels:
LVPECL, LVDS, LVHSTL, CML
• 50Ω internal input termination to VT
• Maximum output frequency: 2GHz (maximum)
• Additive phase jitter, RMS: 0.06ps (typical)
• Output skew: 20ps (maximum)
• Propagation delay: 700ps (maximum)
• 2.5V operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free RoHS-complaint package




Similar Part No. - 889474

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
889474 IDT-889474 Datasheet
216Kb / 16P
2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
889474AKLF IDT-889474AKLF Datasheet
216Kb / 16P
2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
889474AKLFT IDT-889474AKLFT Datasheet
216Kb / 16P
2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
More results


Similar Description - 889474

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89473U MICREL-SY89473U Datasheet
565Kb / 11P
Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
SY89547L MICREL-SY89547L Datasheet
685Kb / 11P
3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
SY89473U MICREL-SY89473U_07 Datasheet
572Kb / 11P
Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
SY89546U MICREL-SY89546U Datasheet
184Kb / 10P
2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89546U MICREL-SY89546U_08 Datasheet
161Kb / 10P
2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89547L MICREL-SY89547L_09 Datasheet
218Kb / 11P
3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
SY89474UMG MICREL-SY89474UMG Datasheet
424Kb / 11P
Precision LVDS 2:1 Multiplexer with 1 2 Fanout and Internal Termination
logo
Integrated Device Techn...
8S89200 IDT-8S89200 Datasheet
428Kb / 20P
Low Skew, 2:1 LVDS MUX with 1:8 Fanout and Internal Termination
889474 IDT-889474 Datasheet
216Kb / 16P
2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
logo
Renesas Technology Corp
8S89200 RENESAS-8S89200 Datasheet
656Kb / 21P
Low Skew, 2:1 LVDS MUX with 1:8 Fanout and Internal Termination
February 8, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com