Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8S89200 Datasheet (PDF) - Renesas Technology Corp

8S89200 Datasheet PDF - Renesas Technology Corp
Part # 8S89200
Download  8S89200 Download
File Size   656.03 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 2:1 LVDS MUX with 1:8 Fanout and Internal Termination

8S89200 Datasheet (PDF)

Go To PDF Page Download Datasheet
8S89200 Datasheet PDF - Renesas Technology Corp

Part # 8S89200
Download  8S89200 Click to download

File Size   656.03 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 2:1 LVDS MUX with 1:8 Fanout and Internal Termination

8S89200 Datasheet (HTML) - Renesas Technology Corp


8S89200 Product details

General Description
The 8S89200 is a high speed 1-to-8 Differential-to-LVDS Clock
Divider and is part of the high performance clock solutions from IDT.
The 8S89200 is optimized for high speed and very low output skew,
making it suitable for use in demanding applications such as SONET,
1 Gigabit and 10 Gigabit Ethernet, and Fibre Channel. The internally
terminated differential inputs and VREF_AC pins allow other
differential signal families such as LVPECL, LVDS and CML to be
easily interfaced to the input with minimal use of external
components.
The device also has a selectable ÷1, ÷2, ÷4 output divider, which can
allow the part to support multiple output frequencies from the same
reference clock.
The 8S89200 is packaged in a small 5mm x 5mm 32-pin VFQFN
package which makes it ideal for use in space-constrained
applications.

Features
• Three output banks, consisting of eight LVDS output pairs total
• INx, nINx inputs can accept the following differential input levels:
LVPECL, LVDS, CML
• Selectable output divider values of ÷1, ÷2 and ÷4
• Maximum output frequency: 1.5GHz
• Maximum input frequency: 3GHz
• Bank Skew: 10ps (typical)
• Part-to-part skew: 100ps (typical)
• Additive phase jitter, RMS: 0.170ps (typical)
• Propagation delay: 802ps (typical)
• Output rise time: 150ps (typical)
• 2.5V±5% operating supply voltage
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 8S89200

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8S89200 IDT-8S89200 Datasheet
428Kb / 20P
Low Skew, 2:1 LVDS MUX with 1:8 Fanout and Internal Termination
8S89200BKILF IDT-8S89200BKILF Datasheet
428Kb / 20P
Low Skew, 2:1 LVDS MUX with 1:8 Fanout and Internal Termination
8S89200BKILFT IDT-8S89200BKILFT Datasheet
428Kb / 20P
Low Skew, 2:1 LVDS MUX with 1:8 Fanout and Internal Termination
More results


Similar Description - 8S89200

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89844U MICREL-SY89844U Datasheet
579Kb / 18P
Precision LVDS Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
SY89859U MICREL-SY89859U Datasheet
540Kb / 13P
Precision Low-Power 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY89113U MICREL-SY89113U_07 Datasheet
559Kb / 14P
2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Internal Termination
logo
Integrated Device Techn...
8S58035I IDT-8S58035I Datasheet
463Kb / 21P
Low Skew, 2:1 LVPECL MUX with Fanout and Internal Termination
8S89200 IDT-8S89200 Datasheet
428Kb / 20P
Low Skew, 2:1 LVDS MUX with 1:8 Fanout and Internal Termination
8S89202 IDT-8S89202 Datasheet
430Kb / 23P
Low Skew, 2:1 LVPECL MUX with 1:8 Fanout and Internal Termination
889474 IDT-889474 Datasheet
216Kb / 16P
2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
logo
Renesas Technology Corp
889474 RENESAS-889474 Datasheet
407Kb / 17P
2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
11/11/15
8S89202 RENESAS-8S89202 Datasheet
625Kb / 24P
Low Skew, 2:1 LVPECL MUX with 1:8 Fanout and Internal Termination
2019
8S58035I RENESAS-8S58035I Datasheet
656Kb / 22P
Low Skew, 2:1 LVPECL MUX with 1:6 Fanout and Internal Termination
February 5, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com