Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8S89202 Datasheet (PDF) - Renesas Technology Corp

8S89202 Datasheet PDF - Renesas Technology Corp
Part # 8S89202
Download  8S89202 Download
File Size   625.18 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 2:1 LVPECL MUX with 1:8 Fanout and Internal Termination

8S89202 Datasheet (PDF)

Go To PDF Page Download Datasheet
8S89202 Datasheet PDF - Renesas Technology Corp

Part # 8S89202
Download  8S89202 Click to download

File Size   625.18 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 2:1 LVPECL MUX with 1:8 Fanout and Internal Termination

8S89202 Datasheet (HTML) - Renesas Technology Corp


8S89202 Product details

Features
• Three output banks, consisting of eight LVPECL output pairs total
• INx, nINx inputs can accept the following differential input levels:
LVPECL, LVDS, CML
• Selectable output divider values of ÷1, ÷2 and ÷4
• Maximum output frequency: 1.5GHz
• Maximum input frequency: 3GHz
• Bank skew: 6ps (typical)
• Part-to-part skew: 250ps (maximum)
• Additive phase jitter, RMS: 0.166ps (typical)
• Propagation delay: 854ps (typical)
• Output rise time: 156ps (typical)
• Full 2.5V±5% and 3.3V±10% operating supply voltage
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 8S89202

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8S89202 IDT-8S89202 Datasheet
430Kb / 23P
Low Skew, 2:1 LVPECL MUX with 1:8 Fanout and Internal Termination
8S89202BKILF IDT-8S89202BKILF Datasheet
430Kb / 23P
Low Skew, 2:1 LVPECL MUX with 1:8 Fanout and Internal Termination
8S89202BKILFT IDT-8S89202BKILFT Datasheet
430Kb / 23P
Low Skew, 2:1 LVPECL MUX with 1:8 Fanout and Internal Termination
More results


Similar Description - 8S89202

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58038U MICREL-SY58038U Datasheet
299Kb / 12P
ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58038U MICREL-SY58038U_07 Datasheet
237Kb / 12P
ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58039U MICREL-SY58039U Datasheet
183Kb / 12P
ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
SY89859U MICREL-SY89859U Datasheet
540Kb / 13P
Precision Low-Power 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY58038U MICREL-SY58038U_15 Datasheet
1Mb / 14P
Ultra-Precision, 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
logo
Integrated Device Techn...
8S58035I IDT-8S58035I Datasheet
463Kb / 21P
Low Skew, 2:1 LVPECL MUX with Fanout and Internal Termination
8S89200 IDT-8S89200 Datasheet
428Kb / 20P
Low Skew, 2:1 LVDS MUX with 1:8 Fanout and Internal Termination
8S89202 IDT-8S89202 Datasheet
430Kb / 23P
Low Skew, 2:1 LVPECL MUX with 1:8 Fanout and Internal Termination
logo
Renesas Technology Corp
8S89200 RENESAS-8S89200 Datasheet
656Kb / 21P
Low Skew, 2:1 LVDS MUX with 1:8 Fanout and Internal Termination
February 8, 2016
8S58035I RENESAS-8S58035I Datasheet
656Kb / 22P
Low Skew, 2:1 LVPECL MUX with 1:6 Fanout and Internal Termination
February 5, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com