Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ16VTAL-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

MMBZ16VTAL-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # MMBZ16VTAL-Q
Download  MMBZ16VTAL-Q Download
File Size   263.33 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description High surge current unidirectional double ESD protection diodes

MMBZ16VTAL-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBZ16VTAL-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # MMBZ16VTAL-Q
Download  MMBZ16VTAL-Q Click to download

File Size   263.33 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description High surge current unidirectional double ESD protection diodes

MMBZ16VTAL-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


MMBZ16VTAL-Q Product details

1. General description
Unidirectional double ElectroStatic Discharge (ESD) protection diodes in a common anode
configuration, encapsulated in a SOT23 (TO-236AB) small Surface-Mounted Device (SMD) plastic
package. The device is designed for ESD and transient overvoltage protection of up to two signal
lines.

2. Features and benefits
• Unidirectional protection of two lines
• Reverse standoff voltage: VRWM = 13 V
• Average measured surge robustness: IPPM = 14 A (8/20 μs) / IPPM = 2.54 A (10/1000 μs)
• Typical reverse leakage current: IRM = 0.1 nA
• Tight breakdown voltage tolerance: ΔVBR +/- 2%
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Automotive in-vehicle networks protection
• Industrial application
• Power management




Similar Part No. - MMBZ16VTAL-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
MMBZ16VTAL NEXPERIA-MMBZ16VTAL Datasheet
238Kb / 12P
High surge current unidirectional double ESD protection diodes
logo
ON Semiconductor
MMBZ16VTALT1G ONSEMI-MMBZ16VTALT1G Datasheet
74Kb / 7P
40 Watt Peak Power Zener Transient Voltage Suppressors
June, 2014 ??Rev. 0
MMBZ16VTALT1G ONSEMI-MMBZ16VTALT1G Datasheet
148Kb / 8P
Zener Diodes, 24 and 40 Watt Peak Power
August, 2016 ??Rev. 20
More results


Similar Description - MMBZ16VTAL-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXS1UL PHILIPS-PESDXS1UL_15 Datasheet
303Kb / 15P
Unidirectional ESD protection diodes
Rev. 3-25 October 2011
MMBZXAL PHILIPS-MMBZXAL_15 Datasheet
526Kb / 17P
Low capacitance unidirectional double ESD protection diodes
Rev. 02-10 December 2009
PESD3V3L1UA PHILIPS-PESD3V3L1UA Datasheet
120Kb / 13P
Low capacitance unidirectional ESD protection diodes
Rev. 01-17 June 2009
logo
Nexperia B.V. All right...
MMBZ16VAL NEXPERIA-MMBZ16VAL Datasheet
238Kb / 12P
High surge current unidirectional double ESD protection diodes
MMBZ16VTAL NEXPERIA-MMBZ16VTAL Datasheet
238Kb / 12P
High surge current unidirectional double ESD protection diodes
MMBZXAL NEXPERIA-MMBZXAL Datasheet
614Kb / 18P
Low capacitance unidirectional double ESD protection diodes
PESD9X5.0L NEXPERIA-PESD9X5.0L Datasheet
289Kb / 15P
Unidirectional ESD protection diodes
MMBZ16VAL-Q NEXPERIA-MMBZ16VAL-Q Datasheet
262Kb / 13P
High surge current unidirectional double ESD protection diode
4 October 2022
PESDXS1UL_SER NEXPERIA-PESDXS1UL_SER Datasheet
438Kb / 16P
Unidirectional ESD protection diodes
Rev. 3 - 25 October 2011
PESD9XXL_SER NEXPERIA-PESD9XXL_SER Datasheet
174Kb / 14P
Unidirectional ESD protection diodes
Rev. 1 - 16 December 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com