Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ16VAL-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

MMBZ16VAL-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # MMBZ16VAL-Q
Download  MMBZ16VAL-Q Download
File Size   262.74 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description High surge current unidirectional double ESD protection diode

MMBZ16VAL-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBZ16VAL-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # MMBZ16VAL-Q
Download  MMBZ16VAL-Q Click to download

File Size   262.74 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description High surge current unidirectional double ESD protection diode

MMBZ16VAL-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


MMBZ16VAL-Q Product details

1. General description
Unidirectional double ElectroStatic Discharge (ESD) protection diodes in a common anode
configuration, encapsulated in a SOT23 (TO-236AB) small Surface-Mounted Device (SMD) plastic
package. The device is designed for ESD and transient overvoltage protection of up to two signal
lines.

2. Features and benefits
• Unidirectional protection of two lines
• Reverse standoff voltage: VRWM = 13 V
• Average measured surge robustness: IPPM = 14 A (8/20 μs) / IPPM = 2.54 A (10/1000 μs)
• Typical reverse leakage current: IRM = 0.1 nA
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Automotive in-vehicle networks protection
• Industrial application
• Power management




Similar Part No. - MMBZ16VAL-Q

ManufacturerPart #DatasheetDescription
logo
Rohm
MMBZ16VAL ROHM-MMBZ16VAL Datasheet
1Mb / 10P
Transient Voltage suppressor
MMBZ16VAL ROHM-MMBZ16VAL Datasheet
1Mb / 10P
Transient Voltage suppressor
MMBZ16VAL ROHM-MMBZ16VAL Datasheet
1Mb / 10P
Transient Voltage suppressor
MMBZ16VAL ROHM-MMBZ16VAL Datasheet
1Mb / 10P
Transient Voltage suppressor
MMBZ16VAL ROHM-MMBZ16VAL Datasheet
1Mb / 10P
Transient Voltage suppressor
More results


Similar Description - MMBZ16VAL-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
MMBZ16VAL NEXPERIA-MMBZ16VAL Datasheet
238Kb / 12P
High surge current unidirectional double ESD protection diodes
MMBZ16VTAL NEXPERIA-MMBZ16VTAL Datasheet
238Kb / 12P
High surge current unidirectional double ESD protection diodes
MMBZ16VTAL-Q NEXPERIA-MMBZ16VTAL-Q Datasheet
263Kb / 13P
High surge current unidirectional double ESD protection diodes
4 October 2022
MMBZ9V1AT-Q NEXPERIA-MMBZ9V1AT-Q Datasheet
206Kb / 10P
Low capacitance unidirectional double ESD protection diode
18 January 2023
MMBZ12VAL-Q NEXPERIA-MMBZ12VAL-Q Datasheet
214Kb / 11P
Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ18VAL-Q NEXPERIA-MMBZ18VAL-Q Datasheet
214Kb / 11P
Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ20VAL-Q NEXPERIA-MMBZ20VAL-Q Datasheet
214Kb / 11P
Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ27VAL-Q NEXPERIA-MMBZ27VAL-Q Datasheet
217Kb / 11P
Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ16VAT-Q NEXPERIA-MMBZ16VAT-Q Datasheet
210Kb / 11P
Low capacitance unidirectional double ESD protection diode
21 July 2023
PESD36VS2UT NEXPERIA-PESD36VS2UT Datasheet
335Kb / 11P
Low capacitance unidirectional double ESD protection diode
17 April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com