Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD36VS2UT Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD36VS2UT Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD36VS2UT
Download  PESD36VS2UT Download
File Size   335.37 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low capacitance unidirectional double ESD protection diode

PESD36VS2UT Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD36VS2UT Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD36VS2UT
Download  PESD36VS2UT Click to download

File Size   335.37 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low capacitance unidirectional double ESD protection diode

PESD36VS2UT Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD36VS2UT Product details

1. General description
Low capacitance unidirectional double ElectroStatic Discharge (ESD) protection diode in a SOT23
(TO-236AB) small Surface-Mounted Device (SMD) plastic package designed to protect up to two
signal lines from the damage caused by ESD and other transients.
2. Features and benefits
• Unidirectional ESD protection of two lines
• Low diode capacitance: Cd = 17 pF
• Max. peak pulse power: PPP = 160 W
• Low clamping voltage: VCL = 55 V
• Ultra low leakage current: IRM ≤ 1 uA
• ESD protection up to 30 kV
• IEC 61000-4-2; level 4 (ESD)
• IEC 61000-4-5 (surge); IPP = 2.5 A
3. Applications
• Computers and peripherals
• Audio and video equipment
• Cellular handsets and accessories
• SIM card protection
• Portable electronics
• Communication systems
• 10/100 Mbit/s Ethernet




Similar Part No. - PESD36VS2UT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD36VS2UT NXP-PESD36VS2UT Datasheet
128Kb / 12P
Low capacitance unidirectional double ESD protection diode
Rev. 01-16 July 2009
PESD36VS2UT PHILIPS-PESD36VS2UT Datasheet
128Kb / 12P
Low capacitance unidirectional double ESD protection diode
Rev. 01-16 July 2009
logo
Guangdong Youtai Semico...
PESD36VS2UT UMW-PESD36VS2UT Datasheet
516Kb / 4P
Unidirectional ESD protection of two lines
logo
Nexperia B.V. All right...
PESD36VS2UT-Q NEXPERIA-PESD36VS2UT-Q Datasheet
335Kb / 11P
Low capacitance unidirectional double ESD protection diode
6 May 2022
More results


Similar Description - PESD36VS2UT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD36VS2UT NXP-PESD36VS2UT Datasheet
128Kb / 12P
Low capacitance unidirectional double ESD protection diode
Rev. 01-16 July 2009
logo
Nexperia B.V. All right...
MMBZ9V1AT-Q NEXPERIA-MMBZ9V1AT-Q Datasheet
206Kb / 10P
Low capacitance unidirectional double ESD protection diode
18 January 2023
MMBZ10VAL-Q NEXPERIA-MMBZ10VAL-Q Datasheet
215Kb / 11P
Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ12VAL-Q NEXPERIA-MMBZ12VAL-Q Datasheet
214Kb / 11P
Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ18VAL-Q NEXPERIA-MMBZ18VAL-Q Datasheet
214Kb / 11P
Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ20VAL-Q NEXPERIA-MMBZ20VAL-Q Datasheet
214Kb / 11P
Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ27VAL-Q NEXPERIA-MMBZ27VAL-Q Datasheet
217Kb / 11P
Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ33VAL-Q NEXPERIA-MMBZ33VAL-Q Datasheet
214Kb / 11P
Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ16VAT-Q NEXPERIA-MMBZ16VAT-Q Datasheet
210Kb / 11P
Low capacitance unidirectional double ESD protection diode
21 July 2023
MMBZ6V2AL-Q NEXPERIA-MMBZ6V2AL-Q Datasheet
215Kb / 12P
Low capacitance unidirectional double ESD protection diode
11 April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com