Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD36VS2UT Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

PESD36VS2UT Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # PESD36VS2UT
Download  PESD36VS2UT Download
File Size   516.95 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Unidirectional ESD protection of two lines

PESD36VS2UT Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD36VS2UT Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # PESD36VS2UT
Download  PESD36VS2UT Click to download

File Size   516.95 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Unidirectional ESD protection of two lines

PESD36VS2UT Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


PESD36VS2UT Product details

Applications
Features
Unidirectional ESD protection of two lines
ESD protection up to 30 kV
Low diode capacitance: Cd = 17 pF
IEC 61000-4-2; level 4 (ESD)
Max. peak pulse power: PPP = 160 W
IEC 61000-4-5 (surge); IPP = 2.5 A
Low clamping voltage: VCL = 55 V
AEC-Q101 qualified
Ultra low leakage current: IRM £ 1 mA
Computers and peripherals
Portable electronics
Audio and video equipment
Communication systems
Cellular handsets and accessories
10/100 Mbit/s Ethernet
Subscriber Identity Module (SIM) card
protection




Similar Part No. - PESD36VS2UT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD36VS2UT NXP-PESD36VS2UT Datasheet
128Kb / 12P
Low capacitance unidirectional double ESD protection diode
Rev. 01-16 July 2009
PESD36VS2UT PHILIPS-PESD36VS2UT Datasheet
128Kb / 12P
Low capacitance unidirectional double ESD protection diode
Rev. 01-16 July 2009
logo
Nexperia B.V. All right...
PESD36VS2UT NEXPERIA-PESD36VS2UT Datasheet
335Kb / 11P
Low capacitance unidirectional double ESD protection diode
17 April 2023
PESD36VS2UT-Q NEXPERIA-PESD36VS2UT-Q Datasheet
335Kb / 11P
Low capacitance unidirectional double ESD protection diode
6 May 2022
More results


Similar Description - PESD36VS2UT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMDA05-6 SEMTECH-SMDA05-6 Datasheet
158Kb / 6P
Unidirectional TVS Array for Protection of Six Lines
SMDA05 SEMTECH-SMDA05 Datasheet
167Kb / 7P
Unidirectional TVS Array for Protection of Four Lines?
SMDA05-6 SEMTECH-SMDA05-6_06 Datasheet
160Kb / 6P
Unidirectional TVS Array for Protection of Six Lines
SMDA05 SEMTECH-SMDA05_06 Datasheet
163Kb / 7P
Unidirectional TVS Array for Protection of Four Lines
logo
AiT Semiconductor Inc.
ESD5Z2.5 AITSEMI-ESD5Z2.5 Datasheet
492Kb / 7P
ESD PROTECTION ESD UNIDIRECTIONAL
REV1.1
logo
Guangdong Youtai Semico...
PESD24VS1UA UMW-PESD24VS1UA Datasheet
542Kb / 4P
Unidirectional ESD protection of one line
PESD3V3L1UB UMW-PESD3V3L1UB Datasheet
389Kb / 4P
Unidirectional ESD protection of one line
PESD5V0L1UA UMW-PESD5V0L1UA Datasheet
414Kb / 5P
Unidirectional ESD protection of one line
PESDXXXL2UM UMW-PESDXXXL2UM Datasheet
331Kb / 5P
Uni-directional ESD protection of two lines or bi-directional ESD protection of one line
PESDXXXS1UB UMW-PESDXXXS1UB Datasheet
382Kb / 7P
Unidirectional ESD protection of one line
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com