Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTA124ET-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

PDTA124ET-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # PDTA124ET-Q
Download  PDTA124ET-Q Download
File Size   215.27 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA PNP resistor-equipped transistor; R1 = 22 kΩ, R2 = 22 kΩ

PDTA124ET-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTA124ET-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # PDTA124ET-Q
Download  PDTA124ET-Q Click to download

File Size   215.27 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA PNP resistor-equipped transistor; R1 = 22 kΩ, R2 = 22 kΩ

PDTA124ET-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


PDTA124ET-Q Product details

1. General description
PNP Resistor-Equipped Transistor (RET) in a small SOT23 (TO-236AB) Surface-Mounted Device
(SMD) plastic package.
NPN complement: PDTC124ET-Q

2. Features and benefits
• 100 mA output current capability
• Built-in bias resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Digital application in automotive and industrial segments
• Cost-saving alternative for BC847 series in digital applications
• Controlling IC inputs
• Switching loads




Similar Part No. - PDTA124ET-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA124ET PHILIPS-PDTA124ET Datasheet
56Kb / 8P
PNP resistor-equipped transistor
1999 Apr 13
PDTA124ET PHILIPS-PDTA124ET Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PDTA124ET NXP-PDTA124ET Datasheet
181Kb / 14P
PNP resistor-equipped transistors; R1 = 22 k廓, R2 = 22 k廓
2004 Aug 02
logo
Nexperia B.V. All right...
PDTA124ET NEXPERIA-PDTA124ET Datasheet
1Mb / 18P
PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
Rev. 8 - 25 November 2011
More results


Similar Description - PDTA124ET-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC124EM NEXPERIA-PDTC124EM Datasheet
230Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 22 kΩ
27 October 2022
PIMD2 NEXPERIA-PIMD2 Datasheet
257Kb / 14P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 22 kΩ, R2 = 22 kΩ
13 March 2023
PUMD16-Q NEXPERIA-PUMD16-Q Datasheet
238Kb / 11P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 22 kΩ, R2 = 47 kΩ
8 March 2023
PUMH1-Q NEXPERIA-PUMH1-Q Datasheet
236Kb / 12P
NPN/NPN resistor-equipped double transistor; R1 = 22 kΩ, R2 = 22 kΩ
14 November 2022
PUMH16 NEXPERIA-PUMH16 Datasheet
222Kb / 10P
50 V, 100 mA NPN/NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 47 kΩ
31 March 2023
PDTC124ET NEXPERIA-PDTC124ET Datasheet
243Kb / 13P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 22 kΩ
13 October 2022
PDTC124EU-Q NEXPERIA-PDTC124EU-Q Datasheet
227Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 22 kΩ
7 March 2022
PDTC124ET-Q NEXPERIA-PDTC124ET-Q Datasheet
228Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 22 kΩ
5 January 2022
PUMD2-Q NEXPERIA-PUMD2-Q Datasheet
252Kb / 13P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 22 kΩ, R2 = 22 kΩ
24 March 2022
PDTA144W_SERIES NEXPERIA-PDTA144W_SERIES Datasheet
420Kb / 15P
PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
2004 Aug 05
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com