Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTA124ET Datasheet (PDF) - NXP Semiconductors

PDTA124ET Datasheet PDF - NXP Semiconductors
Part # PDTA124ET
Download  PDTA124ET Download
File Size   56.09 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PNP resistor-equipped transistor

PDTA124ET Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTA124ET Datasheet PDF - NXP Semiconductors

Part # PDTA124ET
Download  PDTA124ET Click to download

File Size   56.09 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PNP resistor-equipped transistor

PDTA124ET Datasheet (HTML) - NXP Semiconductors


PDTA124ET Product details

DESCRIPTION
PNP resistor-equipped transistor in a SOT23 plastic package.
NPN complement: PDTC124ET.

FEATURES
• Built-in bias resistors R1 and R2 (typ. 22 kΩ each)
• Simplification of circuit design
• Reduces number of components and board space.

APPLICATIONS
• Especially suitable for space reduction in interface and driver circuits
• Inverter circuit configurations without use of external resistors.




Similar Part No. - PDTA124ET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA124ET PHILIPS-PDTA124ET Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PDTA124ET NXP-PDTA124ET Datasheet
181Kb / 14P
PNP resistor-equipped transistors; R1 = 22 k廓, R2 = 22 k廓
2004 Aug 02
logo
Nexperia B.V. All right...
PDTA124ET NEXPERIA-PDTA124ET Datasheet
1Mb / 18P
PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
Rev. 8 - 25 November 2011
PDTA124ET-Q NEXPERIA-PDTA124ET-Q Datasheet
215Kb / 11P
50 V, 100 mA PNP resistor-equipped transistor; R1 = 22 kΩ, R2 = 22 kΩ
11 January 2023
More results


Similar Description - PDTA124ET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA114EK PHILIPS-PDTA114EK Datasheet
66Kb / 8P
PNP resistor-equipped transistor
1998 May 19
PDTA114TE PHILIPS-PDTA114TE Datasheet
52Kb / 8P
PNP resistor-equipped transistor
1998 Jul 23
PDTA114TT PHILIPS-PDTA114TT Datasheet
46Kb / 8P
PNP resistor-equipped transistor
1999 Apr 13
PDTA123JT PHILIPS-PDTA123JT Datasheet
50Kb / 8P
PNP resistor-equipped transistor
1999 May 27
PDTA124EU PHILIPS-PDTA124EU Datasheet
53Kb / 8P
PNP resistor-equipped transistor
1999 Apr 13
PDTA124XE PHILIPS-PDTA124XE Datasheet
50Kb / 8P
PNP resistor-equipped transistor
1999 May 21
PDTA143EE PHILIPS-PDTA143EE Datasheet
66Kb / 8P
PNP resistor-equipped transistor
1998 Jul 23
PDTA143ZT PHILIPS-PDTA143ZT Datasheet
50Kb / 8P
PNP resistor-equipped transistor
1999 May 25
PDTA144EE PHILIPS-PDTA144EE Datasheet
66Kb / 8P
PNP resistor-equipped transistor
1998 Jul 23
PDTA144EU PHILIPS-PDTA144EU Datasheet
52Kb / 8P
PNP resistor-equipped transistor
1999 Apr 15
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com