Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP12CAE3 Datasheet (PDF) - Microsemi Corporation

5KP12CAE3 Datasheet PDF - Microsemi Corporation
Part # 5KP12CAE3
Download  5KP12CAE3 Download
File Size   800.65 Kbytes
Page   10 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 5,000 Watt Transient Voltage Suppressor (TVS) Protection Device

5KP12CAE3 Datasheet (PDF)

Go To PDF Page Download Datasheet
5KP12CAE3 Datasheet PDF - Microsemi Corporation

Part # 5KP12CAE3
Download  5KP12CAE3 Click to download

File Size   800.65 Kbytes
Page   10 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 5,000 Watt Transient Voltage Suppressor (TVS) Protection Device

5KP12CAE3 Datasheet (HTML) - Microsemi Corporation


5KP12CAE3 Product details

DESCRIPTION
This RoHS compliant transient voltage suppressor series 5KP5.0e3 - 5KP250CAe3 provides a range of standoff voltage options from 5.0 to 250V in both unidirectional and bidirectional options. Clamping action is almost instantaneous. As a result, they provide effective protection from ESD and EFT per IEC61000-4-2 and IEC61000-4-4, as well as transients caused by inductive switching and RFI. They also protect from secondary lightning effects per 61000-4-5 at the class levels specified below.

FEATURES
• Available in both unidirectional and bidirectional configurations
• Moisture classification is level 1 with no dry pack required per IPC/JEDEC J-STD-020B
• RoHS compliant

APPLICATIONS / BENEFITS
• Selections for 5.0 to 250 volts stand-off voltage (VWM)
• Economical TVS series for thru-hole mounting
• Pico- to nano-second response time
• Protection from transients caused by inductive switching and RFI
• Compliant to IEC 61000-4-2 and IEC 61000-4-4 for ESD and EFT protection respectively
• Secondary lightning protection per IEC61000-4-5 with 42 ohms source impedance:
Class 1, 2, 3, 4: 5KP5.0 to 5KP110CA
Class 5: 5KP5.0 to 5KP110CA (short distance)
Class 5: 5KP5.0 to 5KP36CA (long distance)
• Secondary lightning protection per IEC61000-4-5 with 12 ohms source impedance:
Class 1 & 2: 5KP5.0 to 5KP110CA
Class 3: 5KP5.0 to 5KP78CA
Class 4: 5KP5.0 to 5KP40CA
• Secondary lightning protection per IEC61000-4-5 with 2 ohms source impedance:
Class 2: 5KP5.0 to 5KP70CA
Class 3: 5KP5.0 to 5KP36CA
Class 4: 5KP5.0 to 5KP18CA




Similar Part No. - 5KP12CAE3

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP12CA SURGE-5KP12CA Datasheet
199Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Transys Electronics
5KP12CA TRSYS-5KP12CA Datasheet
252Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
5KP12CA WTE-5KP12CA Datasheet
58Kb / 5P
5000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
5KP12CA DIODES-5KP12CA Datasheet
67Kb / 3P
5000W TRANSIENT VOLTAGE SUPPRESSOR
DS21504 Rev. H-2
logo
Littelfuse
5KP12CA LITTELFUSE-5KP12CA Datasheet
158Kb / 4P
Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
More results


Similar Description - 5KP12CAE3

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP5.0 LUGUANG-5KP5.0 Datasheet
237Kb / 4P
TVS Transient Voltage Suppressor
logo
Microsemi Corporation
MX15KP260CA MICROSEMI-MX15KP260CA Datasheet
425Kb / 7P
15,000 Watt Transient Voltage Suppressor (TVS) Protection Device
logo
Infineon Technologies A...
ESD230-B1-W0201 INFINEON-ESD230-B1-W0201 Datasheet
976Kb / 15P
TVS (Transient Voltage Suppressor)
Revision 1.0, 2016-04-22
ESD237-B1-W0201 INFINEON-ESD237-B1-W0201 Datasheet
762Kb / 14P
Protection devices TVS (Transient Voltage Suppressor)
Revision 1.0 2016-10-18
ESD241-B1-W0201 INFINEON-ESD241-B1-W0201 Datasheet
734Kb / 13P
Protection Devices TVS (Transient Voltage Suppressor)
Revision 1.2 2018-03-19
ESD253-B1-W0201 INFINEON-ESD253-B1-W0201 Datasheet
747Kb / 13P
Protection device TVS (transient voltage suppressor)
Revision 1.0 2018-07-12
ESD259-B1-W0201 INFINEON-ESD259-B1-W0201 Datasheet
1Mb / 14P
Protection device TVS (transient voltage suppressor)
Revision 1.0 2018-05-17
ESD206-B1-02V INFINEON-ESD206-B1-02V Datasheet
610Kb / 14P
Protection Devices TVS (Transient Voltage Suppressor Diodes)
Revision 1.3, 2016-06-27
logo
Microsemi Corporation
SMAJ5.0E3 MICROSEMI-SMAJ5.0E3 Datasheet
489Kb / 6P
400W Transient Voltage Suppressor (TVS) protection device
Mar Rev C
15KPA17AE3 MICROSEMI-15KPA17AE3 Datasheet
441Kb / 7P
15,000 Watt Transient Voltage Suppressor TVS) Protection Device
Rev. A 6/24/13
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com