Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC257A Datasheet (PDF) - NXP Semiconductors

74LVC257A Datasheet PDF - NXP Semiconductors
Part # 74LVC257A
Download  74LVC257A Download
File Size   97.0 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad 2-input multiplexer with 5 Volt tolerant inputs/outputs 3-State

74LVC257A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC257A Datasheet PDF - NXP Semiconductors

Part # 74LVC257A
Download  74LVC257A Click to download

File Size   97.0 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad 2-input multiplexer with 5 Volt tolerant inputs/outputs 3-State

74LVC257A Datasheet (HTML) - NXP Semiconductors


74LVC257A Product details

DESCRIPTION
The 74LVC257A is a high-performance, low-power, low-voltage, Si-gate CMOS device and superior to most advanced CMOS compatible TTL families.

FEATURES
• Wide supply voltage range of 1.2 to 3.6 V
• In accordance with JEDEC standard no. 8-1A
• CMOS lower power consumption
• Direct interface with TTL levels
• Output drive capability 50  transmission lines at 85°C
• 5 Volt tolerant inputs/outputs, for interfacing with 5 Volt logic




Similar Part No. - 74LVC257A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC257A PHILIPS-74LVC257A Datasheet
380Kb / 10P
Quad 2-input multiplexer with 5 Volt tolerant inputs/outputs (3-State)
1998 Jul 29
logo
Nexperia B.V. All right...
74LVC257A NEXPERIA-74LVC257A Datasheet
262Kb / 14P
Quad 2-input multiplexer with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 31 August 2021
74LVC257ABQ NEXPERIA-74LVC257ABQ Datasheet
262Kb / 14P
Quad 2-input multiplexer with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 31 August 2021
74LVC257AD NEXPERIA-74LVC257AD Datasheet
262Kb / 14P
Quad 2-input multiplexer with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 31 August 2021
74LVC257APW NEXPERIA-74LVC257APW Datasheet
262Kb / 14P
Quad 2-input multiplexer with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 31 August 2021
More results


Similar Description - 74LVC257A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS257B MOTOROLA-SN54LS257B Datasheet
182Kb / 6P
QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVC125A PHILIPS-74LVC125A Datasheet
94Kb / 10P
Quad buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Apr 28
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
Quad 2-Input Multiplexer with 3-STATE Outputs
logo
NXP Semiconductors
LVC257A PHILIPS-LVC257A Datasheet
380Kb / 10P
Quad 2-input multiplexer with 5 Volt tolerant inputs/outputs (3-State)
1998 Jul 29
74LVC126A PHILIPS-74LVC126A Datasheet
115Kb / 20P
Quad buffer/line driver with 5 Volt tolerant input/outputs; 3-state
2003 Feb 28
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258_07 Datasheet
284Kb / 10P
Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Toshiba Semiconductor
TC74LCX257F TOSHIBA-TC74LCX257F_07 Datasheet
249Kb / 10P
Low-Voltage Quad 2-Channel Multiplexer (3-state) with 5-V Tolerant Inputs and Outputs
TC74LCX257F TOSHIBA-TC74LCX257F_12 Datasheet
223Kb / 10P
Low-Voltage Quad 2-Channel Multiplexer (3-state) with 5-V Tolerant Inputs and Outputs
logo
NXP Semiconductors
74LVC257A PHILIPS-74LVC257A_15 Datasheet
193Kb / 18P
Quad 2-input multiplexer with 5 V tolerant inputs/outputs; 3-state
Rev. 6-28 November 2011
logo
Nexperia B.V. All right...
74LVC257A NEXPERIA-74LVC257A Datasheet
262Kb / 14P
Quad 2-input multiplexer with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 31 August 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com