Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC257A Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC257A Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC257A
Download  74LVC257A Download
File Size   262.21 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input multiplexer with 5 V tolerant inputs/outputs; 3-state

74LVC257A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC257A Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC257A
Download  74LVC257A Click to download

File Size   262.21 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input multiplexer with 5 V tolerant inputs/outputs; 3-state

74LVC257A Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC257A Product details

1. General description
The 74LVC257A is a quad 2-input multiplexer; 3-state. Inputs can be driven from either 3.3 V or
5 V devices. This feature allows the use of these devices as translators in mixed 3.3 V and 5 V
environments.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times.
This device is fully specified for partial power down applications using IOFF. The IOFF circuitry
disables the output, preventing the potentially damaging backflow current through the device when
it is powered down.
2. Features and benefits
• Overvoltage tolerant inputs to 5.5 V
• Wide supply voltage range from 1.2 V to 3.6 V
• CMOS low-power consumption
• Direct interface with TTL levels
• Output drive capability 50 Ω transmission lines at 85 °C
• IOFF circuitry provides partial Power-down mode operation
• Complies with JEDEC standard:
• JESD8-7A (1.65 V to 1.95 V)
• JESD8-5A (2.3 V to 2.7 V)
• JESD8-C/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115B exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74LVC257A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC257A PHILIPS-74LVC257A Datasheet
97Kb / 10P
Quad 2-input multiplexer with 5 Volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC257A PHILIPS-74LVC257A Datasheet
380Kb / 10P
Quad 2-input multiplexer with 5 Volt tolerant inputs/outputs (3-State)
1998 Jul 29
74LVC257AD PHILIPS-74LVC257AD Datasheet
97Kb / 10P
Quad 2-input multiplexer with 5 Volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC257ADB PHILIPS-74LVC257ADB Datasheet
97Kb / 10P
Quad 2-input multiplexer with 5 Volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC257APW PHILIPS-74LVC257APW Datasheet
97Kb / 10P
Quad 2-input multiplexer with 5 Volt tolerant inputs/outputs 3-State
1998 Jul 29
More results


Similar Description - 74LVC257A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS257B MOTOROLA-SN54LS257B Datasheet
182Kb / 6P
QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVC257A PHILIPS-74LVC257A Datasheet
97Kb / 10P
Quad 2-input multiplexer with 5 Volt tolerant inputs/outputs 3-State
1998 Jul 29
logo
Texas Instruments
CY74FCT257T TI-CY74FCT257T Datasheet
330Kb / 12P
QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258 Datasheet
90Kb / 8P
Quad 2-Input Multiplexer with 3-STATE Outputs
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
Quad 2-Input Multiplexer with 3-STATE Outputs
logo
NXP Semiconductors
LVC257A PHILIPS-LVC257A Datasheet
380Kb / 10P
Quad 2-input multiplexer with 5 Volt tolerant inputs/outputs (3-State)
1998 Jul 29
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258_07 Datasheet
284Kb / 10P
Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Toshiba Semiconductor
TC74LCX257F TOSHIBA-TC74LCX257F_07 Datasheet
249Kb / 10P
Low-Voltage Quad 2-Channel Multiplexer (3-state) with 5-V Tolerant Inputs and Outputs
TC74LCX257F TOSHIBA-TC74LCX257F_12 Datasheet
223Kb / 10P
Low-Voltage Quad 2-Channel Multiplexer (3-state) with 5-V Tolerant Inputs and Outputs
logo
NXP Semiconductors
74LVC257A PHILIPS-74LVC257A_15 Datasheet
193Kb / 18P
Quad 2-input multiplexer with 5 V tolerant inputs/outputs; 3-state
Rev. 6-28 November 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com