Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC257A Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74LVC257A
Description  Quad 2-input multiplexer with 5 V tolerant inputs/outputs; 3-state
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC257A Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LVC257A Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Nexperia
74LVC257A
Quad 2-input multiplexer with 5 V tolerant inputs/outputs; 3-state
5. Pinning information
5.1. Pinning
74LVC257A
S
VCC
1I0
OE
1I1
4I0
1Y
4I1
2I0
4Y
2I1
3I0
2Y
3I1
GND
3Y
001aad097
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Fig. 5. Pin configuration SOT109-1 (SO16) and
SOT403-1 (TSSOP16)
001aad098
74LVC257A
2Y
3I1
2I1
3I0
2I0
4Y
GND(1)
1Y
4I1
1I1
4I0
1I0
OE
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
(1) This is not a ground pin. There is no electrical or
mechanical requirement to solder the pad. In case
soldered, the solder land should remain floating or
connected to GND.
Fig. 6. Pin configuration SOT763-1 (DHVQFN16)
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
S
1
common data select input
1I0, 2I0, 3I0, 4I0
2, 5, 11, 14
data input from source 0
1I1, 2I1, 3I1, 4I1
3, 6, 10, 13
data input from source 1
1Y, 2Y, 3Y, 4Y
4, 7, 9, 12
3-state multiplexer output
GND
8
ground (0 V)
OE
15
3-state output enable input (active LOW)
VCC
16
supply voltage
6. Functional description
Table 3. Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state
Input
Output
OE
S
nI0
nI1
nY
H
X
X
X
Z
L
H
X
L
L
L
H
X
H
H
L
L
L
X
L
L
L
H
X
H
74LVC257A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 8 — 31 August 2021
3 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com