Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC257A Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # 74LVC257A
Description  Quad 2-input multiplexer with 5 V tolerant inputs/outputs; 3-state
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC257A Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button 74LVC257A Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Nexperia
74LVC257A
Quad 2-input multiplexer with 5 V tolerant inputs/outputs; 3-state
12. Abbreviations
Table 10. Abbreviations
Acronym
Description
CDM
Charged Device Model
CMOS
Complementary Metal-Oxide Semiconductor
DUT
Device Under Test
ESD
ElectroStatic Discharge
HBM
Human Body Model
MM
Machine Model
TTL
Transistor-Transistor Logic
13. Revision history
Table 11. Revision history
Document ID
Release date Data sheet status
Change notice Supersedes
74LVC257A v.8
20210831
Product data sheet
-
74LVC257A v.7
Modifications:
• Section 1 and Section 2 updated.
• Type number 74LVC257ADB (SOT338-1/SSOP16) removed.
74LVC257A v.7
20200626
Product data sheet
-
74LVC257A v.6
Modifications:
• The format of this data sheet has been redesigned to comply with the identity
guidelines of Nexperia.
• Legal texts have been adapted to the new company name where appropriate.
• Fig. 5 and Fig. 6: Typo in figure title corrected.
• Table 4: Derating values for Ptot total power dissipation have been updated.
• Table 8: Measurement points table added.
74LVC257A v.6
20111128
Product data sheet
-
74LVC257A v.5
Modifications:
• Value changes for tpd, ten and tdis in Table 7.
• Typographical errors corrected.
74LVC257A v.5
20111108
Product data sheet
-
74LVC257A v.4
Modifications:
• The format of this document has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Table 4, Table 5, Table 6, Table 7 and Table 9: values added for lower voltage ranges.
74LVC257A v.4
040123
Product specification
-
74LVC257A v.3
74LVC257A v.3
031117
Product specification
-
74LVC257A v.2
74LVC257A v.2
980729
Product specification
-
74LVC257A v.1
74LVC257A v.1
-
-
-
-
74LVC257A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 8 — 31 August 2021
12 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com